Electronic Components Datasheet Search
  English  ▼

X  

LM117ASMD05 Datasheet(PDF) 2 Page - Seme LAB

Part # LM117ASMD05
Description  POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM117ASMD05 Datasheet(HTML) 2 Page - Seme LAB

  LM117ASMD05 Datasheet HTML 1Page - Seme LAB LM117ASMD05 Datasheet HTML 2Page - Seme LAB LM117ASMD05 Datasheet HTML 3Page - Seme LAB LM117ASMD05 Datasheet HTML 4Page - Seme LAB LM117ASMD05 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8372
Issue 1
Page 2 of 5
ELECTRICAL CHARACTERISTICS(1)(3) (TC = 25°C unless otherwise stated)
LM117, IP117, LM117HV, IP117HV
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
IOUT = 10mA
1.200
1.250
1.300
VREF
Reference Voltage
10mA ≤ IOUT ≤ IMAX, P ≤ PMAX,
3V ≤ (VIN-VOUT) ≤ VMAX
•
1.200
1.250
1.300
V
0.010
0.020
IN
OUT
V
V
∆
∆
Line Regulation (2)
3V ≤ (VIN-VOUT) ≤ VMAX,
IOUT = 10mA
•
0.020
0.050
%/V
VOUT ≤ 5V
5
15
mV
VOUT ≥ 5V
0.1
0.3
%
VOUT ≤ 5V •
20
50
mV
OUT
I
OUT
V
∆
∆
Load Regulation (2)(3)
10mA ≤ IOUT ≤ IMAX
VOUT ≥ 5V •
0.3
1.0
%
Thermal Regulation
VIN = 7.92V, IOUT = 1.5A,
PD = 10W, TA = 25°C, 20ms Pulse
0.030
0.070
%/W
VOUT = 10V
CADJ = 0
65
Ripple Rejection
f = 120Hz
CADJ = 10µF •
66
80
dB
IADJ
Adjust Pin Current
•
50
100
∆IADJ
Adjust Pin Current Change
10mA ≤ IOUT ≤ IMAX,
2.5V ≤ (VIN-VOUT) ≤ VMAX
•
0.2
5
µA
(VIN - VOUT) = 40V
•
3.5
5
IMIN
Minimum Load Current
(VIN - VOUT) = 60V (HV Series)
(HV Series)
(HV Series)
(HV Series)
•
3.5
7
mA
(VIN - VOUT) ≤ 15V
•
1.5
2.2
(VIN - VOUT) = 40V
•
0.3
0.5
ICL
Current Limit
(VIN - VOUT) = 60V (HV Series)
(HV Series)
(HV Series)
(HV Series)
•
0.1
A
TEMP
OUT
V
∆
∆
Temperature Stability
•
1.0
TIME
OUT
V
∆
∆
Long Term Stability
TA = 125°C, 1000Hrs
0.3
1.0
en
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10KHz
0.001
%
Notes
Notes
Notes
Notes
The ● denotes the specifications which apply over the full operating temperature range.
(1)
Test conditions unless otherwise stated: VIN - VOUT = 5V, IOUT = 0.5A, PMAX = 10W, IMAX = 1.5A
(2)
Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating
effects are covered under thermal regulation specifications. Load regulation is measured at the junction of the wide and narrow portion of
the output lead.
(3)
VMAX = 40V for LM117, IP117, LM117A, IP117A
VMAX = 60V for LM117HV, IP117HV, LM117AHV, IP117AHV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com