Electronic Components Datasheet Search
  English  ▼

X  

LM1084M Datasheet(PDF) 2 Page - Seme LAB

Part # LM1084M
Description  5 AMP POSITIVE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM1084M Datasheet(HTML) 2 Page - Seme LAB

  LM1084M Datasheet HTML 1Page - Seme LAB LM1084M Datasheet HTML 2Page - Seme LAB LM1084M Datasheet HTML 3Page - Seme LAB LM1084M Datasheet HTML 4Page - Seme LAB LM1084M Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L
M1084M
MILITARY VERSION
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is
believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in
its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 6386
Issue 1
VO 4
Output Voltage
VREF 4
Reference Voltage
REG(LINE) 4
Line Regulation
REG(LOAD) 4 Load Regulation
VD
Dropout Voltage
ICL
Current Limit
IQ
Quiescent Current
REG(THERM) Thermal Regulation
IPIN
Adjust Pin Current
ΔIPIN
Adjust Pin Current Change
TS
Temperature Stability
IO
Minimum Load Current
VN
RMS Output Noise 5
RA
Ripple Rejection Ratio 6
VIN – VOUT = 6.3V
IO = 10mA
IO = 10mA to 5A
TJ = Over Temp 3
VIN – VOUT = 8V
IO = 10mA
IO = 10mA to 5A
TJ = Over Temp 3
VIN – VOUT = 15V
IO = 10mA
IO = 10mA to 5A
TJ = Over Temp 3
VIN – VOUT = VO + 3V
IO = 10mA
IO = 10mA to 5A
TJ = Over Temp 3
VIN – VOUT = 1.5 to 15V
TJ = 25°C
IO = 10mA
TJ = Over Temp 3
VIN – VOUT = 1.5 to 35V
IO = 10mA
TJ = Over Temp 3
VIN – VOUT = 3V
TJ = 25°C
VIN – VOUT = 3V
TJ = Over Temp 3
ΔVOUT , ΔVREF = 1%
TJ = Over Temp 3
VIN – VOUT = 5V
TJ = Over Temp 3
VIN – VOUT = 25V
TJ = Over Temp 3
VIN – VOUT = 35V
TJ = Over Temp 3
tp = 30ms
TJ = 25°C
TJ = 25°C
TJ = Over Temp 3
TJ = Over Temp 3
VIN – VOUT = 5V
IO = 0.5A
TJ = Over Temp 3
VIN – VOUT = 25V
IO = 0.5A
TJ = Over Temp 3
TJ = 25°C
VIN – VOUT = 3V
IO = 3A
TJ = Over Temp 3
3.267
3.3
3.333
3.234
3.3
3.366
4.95
5
5.05
4.90
5
5.10
11.88
12
12.12
11.76
12
12.24
1.238
1.25
1.262
1.225
1.25
1.270
0.015
0.2
0.035
0.05
0.5
0.1
0.3
0.2
0.4
1.3
1.5
5.5
6.5
0.3
0.6
10
0.002
0.01
55
120
0.2
5
0.5
510
0.003
60
75
3.3
5
12
ADJ.
Output
Parameter
Voltage Test Conditions 1,2
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (T
J = 25°C Unless otherwise stated)
V
V
%
%
%
V
A
mA
% / W
μA
μA
%
mA
%VO
dB
1.
Test Conditions unless otherwise stated:
VIN = 1.5 to 35V, or Maximum Input, whichever is less.
IO = 10mA to 5A.
2.
These specifications are only applicable for power dissipations of 45 Watts over a limited range of VIN – VOUT.
3.
Over Temp. = Over specified Junction Temperature Range (See Absolute Maximum Ratings).
4.
Low duty cycle pulse test with Kelvin connections required. Changes in output voltage are covered under the specification
for thermal regulation.
5.
Bandwidth of 10Hz to 10kHz.
6.
120Hz input ripple, 15V = 64dB min. COUT (CADJ) = 25μF.
L
M1084MK & LM1084MSM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com