Electronic Components Datasheet Search
  English  ▼

X  

MHQ6002 Datasheet(PDF) 2 Page - Seme LAB

Part # MHQ6002
Description  QUAD COMPLIMENTARY TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MHQ6002 Datasheet(HTML) 2 Page - Seme LAB

  MHQ6002 Datasheet HTML 1Page - Seme LAB MHQ6002 Datasheet HTML 2Page - Seme LAB MHQ6002 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QUAD COMPLIMENTARY
TRANSISTORS
MHQ6002
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9205
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (Each Device, TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 10mA
IB = 0
30
V(BR)CBO
Collector-Base Breakdown
Voltage
IC = 10µA
IE = 0
60
V(BR)EBO
Emitter-Base Breakdown
Voltage
IE = 10µA
IC = 0
5
V
ICBO
Collector Cut-Off Current
VCB = 50V
IE = 0
20
IEBO
Emitter Cut-Off Current
VEB = 3V
IC = 0
30
nA
IC = 150mA
IB = 15mA
0.4
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 300mA
IB = 30mA
1.4
IC = 150mA
IB = 15mA
1.3
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 300mA
IB = 30mA
2
V
IC = 1.0mA
VCE = 10V
25
IC = 10mA
VCE = 10V
35
IC = 150mA
VCE = 10V
40
hFE
(1)
Forward-current transfer
ratio
IC = 300mA
VCE = 10V
20
DYNAMIC CHARACTERISTICS
IC = 50mA
VCE = 20V
fT
Transition Frequency
f = 100MHz
300
MHz
VCB = -10V
IE = 0
NPN
6
Cobo
Output Capacitance
f = 1.0MHz
PNP
4.5
VEB = -2V
IC = 0
NPN
20
Cibo
Input Capacitance
f = 1.0MHz
PNP
17
pF
IC = -150mA
VCC = -30V
ton
Turn-On Time
IB1 = -15mA
30
IC = -150mA
VCC = -30V
toff
Turn-Off Time
IB1 = - IB2 = -15mA
225
ns
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com