Electronic Components Datasheet Search
  English  ▼

X  

MJ4035 Datasheet(PDF) 2 Page - Seme LAB

Part # MJ4035
Description  SILICON DARLINGTON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MJ4035 Datasheet(HTML) 2 Page - Seme LAB

  MJ4035 Datasheet HTML 1Page - Seme LAB MJ4035 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SILICON DARLINGTON
NPN TRANSISTOR
MJ4035
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8387
Issue 1
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 100mA
100
V
VCE = 100V
RBE = 1.0K
1.0
ICER
Collector Cut-Off Current
TC = 150°C
5
ICEO
Collector Cut-Off Current
VCE = 50V
IB = 0
3
IEBO
Emitter Cut-Off Current
VEB = 5V
IC = 0
5
mA
hFE
(1)
Forward-current transfer
ratio
IC = 10A
VCE = 3V
1000
VBE(on)
(1)
Base-Emitter Voltage
IC = 10A
VCE = 3V
3
IC = 10A
IB = 40mA
2.5
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 16A
IB = 80mA
4.0
V
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
MECHANICAL DATA
Dimensions in mm (inches)
TO3 (TO-204AA) METAL PACKAGE
Underside View
Pin 1 - Base
Pin 2 - Emitter
Case - Collector
1
2
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com