Electronic Components Datasheet Search
  English  ▼

X  

LA4445 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4445
Description  5.5W 2-Channel AF Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4445 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4445 Datasheet HTML 1Page - Sanyo Semicon Device LA4445 Datasheet HTML 2Page - Sanyo Semicon Device LA4445 Datasheet HTML 3Page - Sanyo Semicon Device LA4445 Datasheet HTML 4Page - Sanyo Semicon Device LA4445 Datasheet HTML 5Page - Sanyo Semicon Device LA4445 Datasheet HTML 6Page - Sanyo Semicon Device LA4445 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA4445
No.1277–3/7
Sample Printed Circuit Pattern
Proper Cares in Mounging Radiator Fin
1. The mounting torque is in the range of 39 to 59N · cm.
2. The distance between screw holes of the radiator fin must coincide with the distance between screw holes of the IC.
With case outline dimensions L and R referred to, the screws must be tightened with the distance between them as
close to each other as possible.
3. The screw to be used must have a head equivalent to the one of truss machine screw or binder machine screw defined
by JIS. Washers must be also used to protect the IC case.
4. No foreign matter such as cutting particles shall exist between heat sink and radiator fin. When applying grease on the
junction surface, it must be applied uniformly on the whole surface.
5. IC lead pins are soldered to the printed circuit board after the radiator fin is mounted on the IC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com