Electronic Components Datasheet Search
  English  ▼

X  

M48Z129Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z129Y
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z129Y Datasheet HTML 3Page - STMicroelectronics M48Z129Y Datasheet HTML 4Page - STMicroelectronics M48Z129Y Datasheet HTML 5Page - STMicroelectronics M48Z129Y Datasheet HTML 6Page - STMicroelectronics M48Z129Y Datasheet HTML 7Page - STMicroelectronics M48Z129Y Datasheet HTML 8Page - STMicroelectronics M48Z129Y Datasheet HTML 9Page - STMicroelectronics M48Z129Y Datasheet HTML 10Page - STMicroelectronics M48Z129Y Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
M48Z129Y, M48Z129V
Operation modes
Doc ID 5716 Rev 7
7/20
2
Operation modes
The M48Z129Y/V also has its own power-fail detect circuit. This control circuitry constantly
monitors the supply voltage for an out of tolerance condition. When VCC is out of tolerance,
the circuit write protects the SRAM, providing data security in the midst of unpredictable
system operation. As VCC falls, the control circuitry automatically switches to the battery,
maintaining data until valid power is restored.
Table 2.
Operating modes
Note:
X = VIH or VIL; VSO = battery backup switchover voltage
2.1
READ mode
The M48Z129Y/V is in the READ mode whenever W (WRITE enable) is high and E (chip
enable) is low. The unique address specified by the 17 address inputs defines which one of
the 131,072 bytes of data is to be accessed. Valid data will be available at the data I/O pins
within tAVQV (address access time) after the last address input signal is stable, providing the
E and G access times are also satisfied. If the E and G access times are not met, valid data
will be available after the latter of the chip enable access times (tELQV) or output enable
access time (tGLQV).
The state of the eight three-state data I/O signals is controlled by E and G. If the outputs are
activated before tAVQV, the data lines will be driven to an indeterminate state until tAVQV. If
the address inputs are changed while E and G remain active, output data will remain valid
for tAXQX (output data hold time) but will go indeterminate until the next address access.
Figure 4.
Address controlled, READ mode AC waveforms
Note:
Chip enable (E) and output enable (G) = low, WRITE enable (W) = high
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.5 to 5.5 V
or
3.0 to 3.6 V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
1.
See Table 10 for details.
X
X
X
High Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery backup mode
AI02324
tAVAV
tAVQV
tAXQX
DATA VALID
A0-A16
DQ0-DQ7
VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com