Electronic Components Datasheet Search
  English  ▼

X  

M48Z512A Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48Z512A
Description  4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48Z512A Datasheet HTML 9Page - STMicroelectronics M48Z512A Datasheet HTML 10Page - STMicroelectronics M48Z512A Datasheet HTML 11Page - STMicroelectronics M48Z512A Datasheet HTML 12Page - STMicroelectronics M48Z512A Datasheet HTML 13Page - STMicroelectronics M48Z512A Datasheet HTML 14Page - STMicroelectronics M48Z512A Datasheet HTML 15Page - STMicroelectronics M48Z512A Datasheet HTML 16Page - STMicroelectronics M48Z512A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
M48Z512A, M48Z512AY, M48Z512AV
Maximum ratings
Doc ID 5146 Rev 8
13/21
3
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Caution:
Negative undershoots below –0.3 V are not allowed on any pin while in the battery backup
mode.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature
Grade 1
0 to 70
°C
Grade 6
-40 to 85
TSTG
Storage temperature (VCC off)
–40 to 85
°C
TBIAS
Temperature under bias
Grade 1
0 to 70
°C
Grade 6
–40 to 85
TSLD
(1)
1.
Soldering temperature of the IC leads is to not exceed 260 °C for 10 seconds. In order to protect the lithium
battery, preheat temperatures must be limited such that the battery temperature does not exceed +85 °C.
Furthermore, the devices shall not be exposed to IR reflow.
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltages
–0.3 to 7
V
VCC
Supply voltage
M48Z512A/512AY
–0.3 to 7.0
V
M48Z512AV
–0.3 to 4.6
V
IO
Output current
20
mA
PD
Power dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com