Electronic Components Datasheet Search
  English  ▼

X  

LA4485 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA4485
Description  5 W, Two-channel Power Amplifier with Very Few External Parts
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4485 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA4485 Datasheet HTML 9Page - Sanyo Semicon Device LA4485 Datasheet HTML 10Page - Sanyo Semicon Device LA4485 Datasheet HTML 11Page - Sanyo Semicon Device LA4485 Datasheet HTML 12Page - Sanyo Semicon Device LA4485 Datasheet HTML 13Page - Sanyo Semicon Device LA4485 Datasheet HTML 14Page - Sanyo Semicon Device LA4485 Datasheet HTML 15Page - Sanyo Semicon Device LA4485 Datasheet HTML 16Page - Sanyo Semicon Device LA4485 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ii)
The operating conditions for the PHOTO-2 in dual mode are VCC =15 V,RL =3 Ω,f=1 kHz, VIN = 100 mV and standby
switch ON.
Stabilization
Output waveforms
Transition
Current and voltage waveforms
Power transistor
CE voltage – V
Transition
Stabilization
IE –VCB
Shifting load line at
start-up under
large-signal conditions
Collector-base voltage, VCB –V
‘‘X-Y path observed within the normal area’’
Power transistor
CE voltage – V
* Plot each point on the power
transistor ASO curve. Refer to
Figure 3.
Figure 3
↓
LA4485
No.3680-13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com