Electronic Components Datasheet Search
  English  ▼

X  

FME270-461 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FME270-461
Description  Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FME270-461 Datasheet HTML 1Page - Interpoint Corporation Company FME270-461 Datasheet HTML 2Page - Interpoint Corporation Company FME270-461 Datasheet HTML 3Page - Interpoint Corporation Company FME270-461 Datasheet HTML 4Page - Interpoint Corporation Company FME270-461 Datasheet HTML 5Page - Interpoint Corporation Company FME270-461 Datasheet HTML 6Page - Interpoint Corporation Company FME270-461 Datasheet HTML 7Page - Interpoint Corporation Company FME270-461 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Operating COnditiOns and
CharaCteristiCs
input Voltage range
0 to 400 VDC continuous
•
Transient -500 to +500 volts for 100 ms
•
lead soldering temperature (10 sec per lead)
300°C
•
storage temperature range (tc)
-65°C to +150°C
•
case operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +135°C absolute
•
Derating input/output current (tc)
Linearly from 100% at 125°C to zero at 135°C
•
isolation
100 megohm minimum at 500 VDC
•
Any pin to case
•
meChaniCal and envirOnmental
size (maximum)
Case U
•
3.005x1.505x0.400inches(76.33x38.23x10.16mm)
The image on page one shows Case U (flanged, short leads).
Also available:
•
Flanged: leads bent down (case V)
‣
Tabbed: leads bent up (case W)
‣
Tabbed: short leads (case Y)
‣
Tabbed: leads bent down (case Z).
‣
See cases U, V, W, Y, and Z for dimensions and options.
•
Weight (maximum)
77 grams typical cases U, V, W, Y, and Z
•
screening
The FME270 EMI Input filter offers Standard or /ES screening.
See Standard and /ES (non-QML)” screening table for more infor-
mation on page 11.
Positive
Input
Input
Common
Positive
Output
Output
Common
FME270-461
x2
x2
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
FIguRe 2: FMe270-461 scheMatIc
FIguRe 1: cOnnectIOn dIagRaM
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 2 of 11
FMe270-461 eMi input Filters
270 Volt input – 1.5 aMp
FME270RevB-20100226



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com