Electronic Components Datasheet Search
  English  ▼

X  

MFL2805S Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # MFL2805S
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button MFL2805S Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S Datasheet HTML 9Page - Interpoint Corporation Company MFL2805S Datasheet HTML 10Page - Interpoint Corporation Company MFL2805S Datasheet HTML 11Page - Interpoint Corporation Company MFL2805S Datasheet HTML 12Page - Interpoint Corporation Company MFL2805S Datasheet HTML 13Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Angled corner
indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
1.505 (38.23) max.
0.128 dia
(3.25).
0.040 dia
(1.02)
0.23 (5.8) Pin Length
TOP VIEW CASE U
Flanged case, short-leaded
Seam Seal
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, compression glass seal
Seal Hole: 0.100 ±0.002 (2.54 ±0.05)
Case U, Rev F, 20100915
Figure 17: case u
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converter cases
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 11 of 13
MFL Rev E - 20101026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com