Electronic Components Datasheet Search
  English  ▼

X  

MHF2805S Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MHF2805S
Description  Only 0.33 inches (8.38 mm) high in a hermetically sealed case
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805S Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MHF2805S Datasheet HTML 3Page - Interpoint Corporation Company MHF2805S Datasheet HTML 4Page - Interpoint Corporation Company MHF2805S Datasheet HTML 5Page - Interpoint Corporation Company MHF2805S Datasheet HTML 6Page - Interpoint Corporation Company MHF2805S Datasheet HTML 7Page - Interpoint Corporation Company MHF2805S Datasheet HTML 8Page - Interpoint Corporation Company MHF2805S Datasheet HTML 9Page - Interpoint Corporation Company MHF2805S Datasheet HTML 10Page - Interpoint Corporation Company MHF2805S Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
mODEL NUmbERINg kEy
MHF+ 28 12 D F / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual, T = Triple)
(R = decimal point, 3R3 = 3.3 Vout;
(Standard screening has no designator
in this position.)
Case Option
(Non-flanged case has no designator in
this position)
Main and aux. Vout for triple models)
SmD NUmbERS
StanDarD MiCrOCirCuit
Drawing (SMD)
MHF+ SiMilar part
5962-0251001HXC
MHF+283r3S/883
5962-9213901HXC
MHF+2805S/883
5962-0325301HXC
MHF+285r2S/883
5962-9166401HXC
MHF+2812S/883
5962-9160101HXC
MHF+2815S/883
5962-9689801HXC
MHF+2828S/883
5962-9555901HXC
MHF+2805d/883
5962-9214401HXC
MHF+2812d/883
5962-9161401HXC
MHF+2815d/883
5962-9560101HXC
MHF+28512t/883
5962-9560201HXC
MHF+28515t/883
Flanged SMds have the suffix HZC instead of HXC.
For exact specifications for an SMd product, refer to the
SMd drawing. SMds can be downloaded from http://
www.dscc.dla.mil/programs/smcr
mODEL SELECTION
On tHe lineS BelOw, enter One SeleCtiOn FrOM eaCH CategOry tO DeterMine tHe MODel nuMBer.
Category
MHF+28
___________
/
Base Model and
input voltage
output voltage 1
number of outputs 2
Case/lead options 3
Screening 4
1R9, 3R3, 05, 5R2,
5R3, 12, 15, 28
S
(non-Flanged leave blank)
(Standard
leave blank)
MHF+28 is the only
available option
05, 12, 15
D
F (Flanged)
ES
SeleCtion
512, 515
T
883
notes:
1. output voltage: an r indicates a decimal point. 1r9 is 1.9 volts out. the values of 1r9, 3r3, 5r2 and 5r3 are only available in single output models. the 512 and
515 triple output converters are +5 volt main and ±12 or ±15 volt auxiliaries.
2. number of outputs: S is a single output, d is a dual output, and t is a triple output
3. Case options: For the standard case (non-flanged) leave the case option blank. For the flanged case, use an F in the case option.
4. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see
Screening tables 1 and 2.
www.interpoint.com
Page 7 of 23
Crane aerospace & electronics Power solutions
MHF+ Single, dual and triple dC/dC Converters
28 VOlT inPuT – 15 WATT
MHF+ rev l - 20091113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com