Electronic Components Datasheet Search
  English  ▼

X  

MHV2812S Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MHV2812S
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2812S Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MHV2812S Datasheet HTML 6Page - Interpoint Corporation Company MHV2812S Datasheet HTML 7Page - Interpoint Corporation Company MHV2812S Datasheet HTML 8Page - Interpoint Corporation Company MHV2812S Datasheet HTML 9Page - Interpoint Corporation Company MHV2812S Datasheet HTML 10Page - Interpoint Corporation Company MHV2812S Datasheet HTML 11Page - Interpoint Corporation Company MHV2812S Datasheet HTML 12Page - Interpoint Corporation Company MHV2812S Datasheet HTML 13Page - Interpoint Corporation Company MHV2812S Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TRIPLE OUTPUT MODEL – MHV28512T
5 (MAIN)
±12 (AUXILIARIES)
units
parameter
ConDitions
MIN
TyP
MAX
MIN
TyP
MAX
output voltage
MAIN AND POS. AUX
4.90
5.00
5.10 11.76 12.00
12.24
VDC
NEG. AUX.
-11.70 -12.00 -12.30
output Current 2
0
—
2.0
0
±0.208 0.333 1
A
TOTAL
—
—
—
—
—
0.416
output poWer 3
0
—
10
0
±2.50 4.00 1
W
vin = 16 to 50 vDC
TOTAL
—
—
—
—
—
5
output ripple
10 khz - 2 mhz
—
8
22
—
9
22
mV p-p
line regulation
MAIN AND POS. AUX
—
0
5
—
5
35
mV
vin= 16 to 50 vDC
NEG. AUX.
—
7
40
loaD regulation 4
MAIN AND POS. AUX
—
10
20
—
10
30
NEG. AUX.
—
—
—
—
40
70
mV
Cross regulation 5
EFFECT ON
NEGATIVE AUXILIARy
—
—
—
—
400
800
mV
input voltage
Continuous
16
28
50
—
—
—
VDC
transient 120 ms 1
—
—
80
—
—
—
V
input Current
no loaD
—
30
37
—
—
—
mA
inhibiteD
—
8.4
10
—
—
—
input ripple Current
10 kHz - 10 MHz
—
10
30
—
—
—
mA p-p
eFFiCienCy
74
78
—
—
—
—
%
loaD Fault 6
POWER DISSIPATION
—
—
9.5
—
—
9.5
W
reCovery 1
—
—
25
—
—
25
ms
step loaD response 7
transient
—
—
±350
—
—
±600
mV pk
NEG. AUX. 1
—
—
—
—
—
±600
reCovery
—
—
3
—
—
4
ms
NEG. AUX. 1
—
—
—
—
—
4
step line response 1, 8
16 - 50 - 16 vin
transient
—
—
±400
—
—
±500
mV pk
reCovery
—
—
3
—
—
4
ms
start-up
Delay
—
7
15
—
7
15
ms
overshoot 1
—
—
100
—
—
240
mV pk
CapaCitive loaD 1
25°C
—
—
200
—
—
100
µF
Notes for Triple Output Models
1. guaranteed by design, not tested.
2. The sum of the 12 volt auxiliary output currents may not exceed 416 mA.
3. The sum of the auxiliary output power may not exceed 5 watts. Up to 80% of the
total power (5W) is available from either auxiliary providing the opposite auxiliary is
carrying 20% of the total auxiliary power used.
4. Load regulation for the +5 is specified at 0.0 to 2.0 A with the aux. both held at 2.5
W (208 mA). Load regulation for the auxiliary. is specified as both auxiliaries from
0.0 to 2.5 W (208 mA) at the same time with the +5 held at 2.0 A.
5. Cross regulation occurs between the two auxiliaries and is measured on –aux. +5 is
held constant at 2.0 A. Cross regulation is specified for two conditions:
A. Positive aux. = 2.5 W (50%); negative aux. = 2.5 W to 0.5 W (50% to 10%).
B. From +Po = 70% and -Po = 30% to + Po = 30% and -Po =70%.
Above conditions are referenced to 50%/50% balanced loads.
6.Loadfaultisashortcircuit(<50mΩ).Recoveryisintoaresistiveload.
7.Steploadtransition≥10µs.Recovery=timetosettletowithin1%ofVOUT final
value.
8.Steplinetransition≥10µs.Recovery=timetosettletowithin1%ofVOUT final
value.
Electrical Characteristics: -55° to +125°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 10 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com