Electronic Components Datasheet Search
  English  ▼

X  

MHV2815S Datasheet(PDF) 13 Page - Interpoint Corporation Company

Part # MHV2815S
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2815S Datasheet(HTML) 13 Page - Interpoint Corporation Company

Back Button MHV2815S Datasheet HTML 9Page - Interpoint Corporation Company MHV2815S Datasheet HTML 10Page - Interpoint Corporation Company MHV2815S Datasheet HTML 11Page - Interpoint Corporation Company MHV2815S Datasheet HTML 12Page - Interpoint Corporation Company MHV2815S Datasheet HTML 13Page - Interpoint Corporation Company MHV2815S Datasheet HTML 14Page - Interpoint Corporation Company MHV2815S Datasheet HTML 15Page - Interpoint Corporation Company MHV2815S Datasheet HTML 16Page - Interpoint Corporation Company MHV2815S Datasheet HTML 17Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.
2 µs/div
Vin
-Vout
+Vout
TURN ON RESPONSE MHV2815D
Figure 16
Figure 17
Figure 19
Figure 21
Figure 20
Figure 18
400 µs/div
100% to 50% Load
50% to 100% Load
+Vout STEP LOAD RESPONSE
MHV2815D
200 µs/div
50% to 100% Load
100% to 50% Load
-Vout STEP LOAD RESPONSE
MHV2815D
40 µs/div
+Vout
-Vout
Vin
16 V to 50 V
STEP LINE RESPONSE MHV2815D
17
15
13
11
9
7
5
10
15
OUTPUT POWER (W)
LOW LINE DROPOUT vs. LOAD
MHV2815D
17
15
13
11
9
7
5
10
15
OUTPUT POWER (W)
LOW LINE DROPOUT vs. LOAD
MHV2805S
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 13 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com