Electronic Components Datasheet Search
  English  ▼

X  

MHV2815D Datasheet(PDF) 15 Page - Interpoint Corporation Company

Part # MHV2815D
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2815D Datasheet(HTML) 15 Page - Interpoint Corporation Company

Back Button MHV2815D Datasheet HTML 11Page - Interpoint Corporation Company MHV2815D Datasheet HTML 12Page - Interpoint Corporation Company MHV2815D Datasheet HTML 13Page - Interpoint Corporation Company MHV2815D Datasheet HTML 14Page - Interpoint Corporation Company MHV2815D Datasheet HTML 15Page - Interpoint Corporation Company MHV2815D Datasheet HTML 16Page - Interpoint Corporation Company MHV2815D Datasheet HTML 17Page - Interpoint Corporation Company MHV2815D Datasheet HTML 18Page - Interpoint Corporation Company MHV2815D Datasheet HTML 19Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
0.155 (3.94)
0.955 (24.26)
Seam Seal
0.040 dia
(1.02)
0.000
1
2
6
10
BOTTOM VIEW CASE H2 - MHV Single and Dual
3
4
5
7
8
9
Squared corner and dot on top
of case indicate pin one.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, ceramic glass seal
Seal hole 0.120 ±0.002 (3.05 ± 0.05)
Case H2 MHV S&D, Rev G - 20100503
Please refer to the numerical dimensions for accuracy.
1.115 max. (28.32)
Figure 23: Case h2 - mhv single anD Dual
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converter cases
28 Volt input – 15 Watt
www.interpoint.com
Page 15 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com