Electronic Components Datasheet Search
  English  ▼

X  

M5450 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M5450
Description  LED DISPLAY DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5450 Datasheet(HTML) 5 Page - STMicroelectronics

  M5450 Datasheet HTML 1Page - STMicroelectronics M5450 Datasheet HTML 2Page - STMicroelectronics M5450 Datasheet HTML 3Page - STMicroelectronics M5450 Datasheet HTML 4Page - STMicroelectronics M5450 Datasheet HTML 5Page - STMicroelectronics M5450 Datasheet HTML 6Page - STMicroelectronics M5450 Datasheet HTML 7Page - STMicroelectronics M5450 Datasheet HTML 8Page - STMicroelectronics M5450 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
5/12
M5450, M5451
Figure 5.
Figure 6.
Figure 7.
Figure 8.
CLOCK
DATA
300ns (min.)
100ns (min.)
DATA ENABLE
1.0
0.8
0.6
0.4
0.2
20
40
60
80
100
SAFE OPERATING
AREA
34 segments
V
= 1V
O
15mA/segment
P
(W)
tot
0
Tamb (˚C)
4
812
16
20
24
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
28
32
Tamb = 85˚C
Tj = 150˚C (max.)
˚
VO (V)
ILED (mA)
20 segments
30 segments
34 segments
48
12
16
20
24
28 32
36 40
0
45
65
85
105
I0 (mA)
Tamb = 85˚C
N˚ Segm.
5
25
VO = 1V
IO (max.) = 40mA
VO = 1.5V
VO = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com