Electronic Components Datasheet Search
  English  ▼

X  

M5450B7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M5450B7
Description  LED DISPLAY DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5450B7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M5450B7 Datasheet HTML 4Page - STMicroelectronics M5450B7 Datasheet HTML 5Page - STMicroelectronics M5450B7 Datasheet HTML 6Page - STMicroelectronics M5450B7 Datasheet HTML 7Page - STMicroelectronics M5450B7 Datasheet HTML 8Page - STMicroelectronics M5450B7 Datasheet HTML 9Page - STMicroelectronics M5450B7 Datasheet HTML 10Page - STMicroelectronics M5450B7 Datasheet HTML 11Page - STMicroelectronics M5450B7 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
9/12
M5450, M5451
PACKAGE MECHANICAL
Table 4. PDIP40 - Mechanical Data
Figure 14. PDIP40 - Package Dimensions
Note: Drawing is not to scale
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
52.58
2.070
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
48.26
1.900
F
14.1
0.555
i
4.445
0.175
L
3.3
0.130
40
b2
e
D
e3
b1
E
21
120
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com