Electronic Components Datasheet Search
  English  ▼

X  

PD20015-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD20015-E
Description  RF power transistor, LdmoST family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD20015-E Datasheet(HTML) 4 Page - STMicroelectronics

  PD20015-E Datasheet HTML 1Page - STMicroelectronics PD20015-E Datasheet HTML 2Page - STMicroelectronics PD20015-E Datasheet HTML 3Page - STMicroelectronics PD20015-E Datasheet HTML 4Page - STMicroelectronics PD20015-E Datasheet HTML 5Page - STMicroelectronics PD20015-E Datasheet HTML 6Page - STMicroelectronics PD20015-E Datasheet HTML 7Page - STMicroelectronics PD20015-E Datasheet HTML 8Page - STMicroelectronics PD20015-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
PD20015-E - PD20015S-E
4/16
Doc ID 14005 Rev 2
2
Electrical characteristics
TCASE = +25 °C
2.1
Static
2.2
Dynamic
Table 4.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0 V
VDS = 25 V
-
1
μA
IGSS
VGS = 5 V
VDS = 0 V
-
1
μA
VGS(Q)
VDS = 10 V
ID = 350 mA
-
4.2
V
VDS(ON)
VGS = 10 V
ID = 1 A
-
0.27
0.31
V
CISS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
-
55
pF
COSS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
-
40
pF
CRSS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
-
1.5
pF
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
P3dB
VDD = 13.6 V, IDQ = 350 mA
f = 2 GHz
23
-
W
GP
VDD = 13.6 V, IDQ = 350 mA, POUT = 15 W, f = 2 GHz
10
11
-
dB
hD
VDD = 13.6 V, IDQ = 350 mA, POUT = P3dB, f = 2 GHz
45
53
-
%
Load
mismatch
VDD = 15.5 V, IDQ = 350 mA, POUT = 20 W, f = 2 GHz all
phase angles
20:1
-
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com