Electronic Components Datasheet Search
  English  ▼

X  

SD1726 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1726
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1726 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1726_03 Datasheet HTML 1Page - STMicroelectronics SD1726_03 Datasheet HTML 2Page - STMicroelectronics SD1726_03 Datasheet HTML 3Page - STMicroelectronics SD1726_03 Datasheet HTML 4Page - STMicroelectronics SD1726_03 Datasheet HTML 5Page - STMicroelectronics SD1726_03 Datasheet HTML 6Page - STMicroelectronics SD1726_03 Datasheet HTML 7Page - STMicroelectronics SD1726_03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SD1726 (THA15)
2/8
ELECTRICAL SPECIFICATION (TCASE = 25
°C)
STATIC
DYNAMIC
Note: The SD1726 is also usable in Class A at 40 V. Typical performance is:
POUT = 30 W PEP, GP = 14 dB, IMD = - 40 dBc
* f1 = 30.00 MHz; f2 = 30.001 MHz
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 100 mA
IE = 0 mA
110
V
BVCES
IC = 100 mA
VBE = 0 V
110
V
BVCEO
IC = 100 mA
IB = 0 mA
55
V
BVEBO
IE = 10 mA
IC = 0 mA
4.0
V
ICEO
VCE = 30 V
IE = 0 mA
5mA
ICES
VCE = 60 V
IE = 0 mA
5mA
hFE
VCE = 6 V
IC = 1.4 A
18
43.5
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
VCE = 50 V
ICQ = 100 mA f = 30 MHz
150
W
GP
*
VCE = 50 V
ICQ = 100 mA POUT = 150 W PEP
14
dB
IMD*
VCE = 50 V
ICQ = 100 mA POUT = 150 W PEP
-30
dBc
ηD*
VCE = 50 V
ICQ = 100 mA POUT = 150 W PEP
37
%
GOB
VCB = 50 V
f = 1 MHz
220
pF
0
1020
3040
506070
8090
100
110
Case Temperature - Tc (°C)
0
0.2
0.4
0.6
0.8
1
1.2
RTH j-c (°C/W)
Thermal Resistance versus Case Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com