Electronic Components Datasheet Search
  English  ▼

X  

LA4585 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4585
Description  3-V Preamplifier Power Amplifier for Headphone Stereo Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4585 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4585 Datasheet HTML 1Page - Sanyo Semicon Device LA4585 Datasheet HTML 2Page - Sanyo Semicon Device LA4585 Datasheet HTML 3Page - Sanyo Semicon Device LA4585 Datasheet HTML 4Page - Sanyo Semicon Device LA4585 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Overview
The LA4585M is a preamplifier plus power amplifier IC
that supports auto-reverse and was developed for use in
3-V headphone stereo products.
Features
• The LA4585M is designed for use in playback-only
compact cassette players. In addition to preamplifier and
power amplifier functions, the LA4585M also provides
low boost and automatic power output limiter
(PVSS:Peak Volume Select System) functions.
• Provided in a mini-flat 36-pin quad package (0.65 mm
lead pitch) optimal for miniature end products.
• Two auto-reverse playback preamplifiers
• Two headphone power amplifiers (16
Ω)
• Low boost function (auto-loudness effect)
• Output limiter function (PVSS)
• Two radio input switches (pre-muting switches)
• Power muting switch
Package Dimensions
unit: mm
3162B-QFP36
Monolithic Linear IC
Ordering number : EN5661
73097HA(OT) No. 5661-1/5
SANYO: QFP36
[LA4585M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
3-V Preamplifier + Power Amplifier for
Headphone Stereo Products
LA4585M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
4.5
V
Allowable power dissipation
Pd max
375
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
3.0
V
Operating supply voltage range
VCCop
1.8 to 3.6
V
Operating Conditions at Ta = 25°C
Ambient temperature, Ta – °C


Similar Part No. - LA4585

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4580 SANYO-LA4580 Datasheet
355Kb / 8P
2-Channel Preamp Power Amp 3V Headphone Use
LA4580M SANYO-LA4580M Datasheet
355Kb / 8P
2-Channel Preamp Power Amp 3V Headphone Use
LA4581 SANYO-LA4581 Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4582 SANYO-LA4582 Datasheet
143Kb / 6P
Pre Power Amplifier for 3-V Headphone Stereo Systems
More results

Similar Description - LA4585

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
Preamplifier Power Amplifier for 1.5 V Headphone Stereos
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
1.5V Stereo Headphone Preamplifier and Power Amplifier?
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
3 V Stereo Headphone Amplifier (3 V USE)
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com