Electronic Components Datasheet Search
  English  ▼

X  

ST1S12XX Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1S12XX
Description  Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S12XX Datasheet(HTML) 5 Page - STMicroelectronics

  ST1S12XX Datasheet HTML 1Page - STMicroelectronics ST1S12XX Datasheet HTML 2Page - STMicroelectronics ST1S12XX Datasheet HTML 3Page - STMicroelectronics ST1S12XX Datasheet HTML 4Page - STMicroelectronics ST1S12XX Datasheet HTML 5Page - STMicroelectronics ST1S12XX Datasheet HTML 6Page - STMicroelectronics ST1S12XX Datasheet HTML 7Page - STMicroelectronics ST1S12XX Datasheet HTML 8Page - STMicroelectronics ST1S12XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ST1S12XX, ST1S12XX12, ST1S12XX18
Maximum ratings
Doc ID 14314 Rev 3
5/20
3
Maximum ratings
Note:
Absolute maximum ratings are the values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Positive power supply voltage
-0.3 to 6.5
V
VEN
Enable voltage
-0.3 to VIN + 0.3
V
SWITCH Voltage
Max. voltage of output pin
-0.3 to VIN + 0.3
V
VFB/VO
Feedback voltage
-0.3 to 3
V
VO
Output voltage (for VO > 1.6 V)
-0.3 to 6
V
TJ
Max junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 sec
260
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
220
°C/W
RthJC
Thermal resistance junction-case
110
°C/W
Table 5.
ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
2
kV
MM
0.3
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com