Electronic Components Datasheet Search
  English  ▼

X  

ST2S06A33 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST2S06A33
Description  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06A33 Datasheet(HTML) 4 Page - STMicroelectronics

  ST2S06A33_09 Datasheet HTML 1Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 2Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 3Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 4Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 5Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 6Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 7Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 8Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
ST2S06A33, ST2S06B
4/18
Doc ID 13866 Rev 4
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
ST2S06A
ST2S06B
Name and function
1
HV
HV
Programing pin. It must be floating or connected to GND.
2
FB2
FB2
Feedback voltage
3
GND2
GND2
Power ground
4
SW2
SW2
Switching pin
5
VIN_SW
VIN_SW
Power input voltage pin
6
SW1
SW1
Switching pin
7
GND1
GND1
Power ground
8
FB1/OUT1
FB1
Feedback voltage / output voltage
9
Reset_out
NC
Reset out pin
10
NC
INH
Inhibit pin
11
VIN_A
VIN_A
Supply for analog circuit
12
GND_A
GND_A
System ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com