Electronic Components Datasheet Search
  English  ▼

X  

STCL1160 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STCL1160
Description  High frequency silicon oscillator family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1160 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STCL1160 Datasheet HTML 10Page - STMicroelectronics STCL1160 Datasheet HTML 11Page - STMicroelectronics STCL1160 Datasheet HTML 12Page - STMicroelectronics STCL1160 Datasheet HTML 13Page - STMicroelectronics STCL1160 Datasheet HTML 14Page - STMicroelectronics STCL1160 Datasheet HTML 15Page - STMicroelectronics STCL1160 Datasheet HTML 16Page - STMicroelectronics STCL1160 Datasheet HTML 17Page - STMicroelectronics STCL1160 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Part numbering
STCL1100 STCL1120 STCL1160
16/18
Doc ID 13337 Rev 5
9
Part numbering
Table 5.
Ordering information scheme
Note:
Contact local ST sales office for availability of other product options (chip enable active high
or low, with or without internal pull-up or pull-down, possibility of various disable modes,
startup procedures, output low or in high-impedance when disabled, etc.).
STCL
1
120
Y
B
F
C
WY
5
Device type
STCL = Silicon oscillator
Product family
1 = Single frequency, fixed
Frequency
100 = 10.0 MHz
120 = 12.0 MHz
160 = 16.0 MHz
Operating voltage
Y = 4.5 to 5.5 V
Accuracy
B = ±1.5%
Chip enable
F = Single chip enable, active high, no pull
Disable mode
C = Additional 32 cycles, output low in disable, skip
16 cycles at startup, output low during that
Package
WY = SOT23-5L
Temperature range
5 = –20 to +85 °C
7 = 0 to +105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com