Electronic Components Datasheet Search
  English  ▼

X  

SFMC28-461 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SFMC28-461
Description  Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SFMC28-461 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SFMC28-461 Datasheet HTML 1Page - Interpoint Corporation Company SFMC28-461 Datasheet HTML 2Page - Interpoint Corporation Company SFMC28-461 Datasheet HTML 3Page - Interpoint Corporation Company SFMC28-461 Datasheet HTML 4Page - Interpoint Corporation Company SFMC28-461 Datasheet HTML 5Page - Interpoint Corporation Company SFMC28-461 Datasheet HTML 6Page - Interpoint Corporation Company SFMC28-461 Datasheet HTML 7Page - Interpoint Corporation Company SFMC28-461 Datasheet HTML 8Page - Interpoint Corporation Company SFMC28-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics: -55° to +125°C TC, nominal Vin unless otherwise specified.
Notes
1. guaranteed by design, not tested.
2. Typical applications result in Vout within 2% of Vin.
MODEL
SFMC28-461
parameter
conditionS
MIN
TYP
MAX
unitS
input Voltage
continuouS
0
28
50
VDC
noiSe reJection
500 kHz
55
60
—
1 mHz
60
—
—
dB
5 mHz
60
—
—
dc reSiStance (rdc)
25°c
—
—
0.2
Ω
output Voltage 2
SteadY State
VOUT = VIN - IIN (RDC)
VDC
capacitance
anY pin to caSe
tc = 25°c
—
—
48,000
pF
output current
SteadY State
—
—
2.7
A
reFlected ripple
current 1
From conVerter
to Filter
—
—
1.0
ARMS
poWer diSSipation 1
at maXimum current
—
—
1.5
W
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
sFMc28-461 eMi input Filters
28 Volt input – 2.7 aMp
Page 5 of 11
SFMC28-461 Rev E - 20100628



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com