Electronic Components Datasheet Search
  English  ▼

X  

STD12NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD12NF06
Description  N-channel 60 V, 0.08廓, 12 A, DPAK, IPAK STripFET??II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STD12NF06_09 Datasheet HTML 1Page - STMicroelectronics STD12NF06_09 Datasheet HTML 2Page - STMicroelectronics STD12NF06_09 Datasheet HTML 3Page - STMicroelectronics STD12NF06_09 Datasheet HTML 4Page - STMicroelectronics STD12NF06_09 Datasheet HTML 5Page - STMicroelectronics STD12NF06_09 Datasheet HTML 6Page - STMicroelectronics STD12NF06_09 Datasheet HTML 7Page - STMicroelectronics STD12NF06_09 Datasheet HTML 8Page - STMicroelectronics STD12NF06_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2009
Doc ID 8431 Rev 7
1/14
14
STD12NF06
STD12NF06T4
N-channel 60 V, 0.08
Ω, 12 A, DPAK, IPAK
STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ Low gate charge
Applications
■ Switching application
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "single feature size"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSSS
RDS(on)
ID
STD12NF06
60V
<0.1
Ω
12A
STD12NF06T4
60V
<0.1
Ω
12A
1
3
DPAK
3
2
1
IPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD12NF06T4T4
D12NF06
DPAK
Tape and reel
STD12NF06T4-1
D12NF06
IPAK
Tube
www.st.com


Similar Part No. - STD12NF06_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
N-channel 60V - 0.08Ω - 12A - DPAK - IPAK STripFET™II Power MOSFET
19-Feb-2007
logo
VBsemi Electronics Co.,...
STD12NF06-1 VBSEMI-STD12NF06-1 Datasheet
963Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
323Kb / 14P
N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
19-Feb-2007
logo
Inchange Semiconductor ...
STD12NF06L ISC-STD12NF06L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - STD12NF06_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
19-Feb-2007
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
19-Jul-2006
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
N-channel 60V - 0.08Ω - 12A - DPAK - IPAK STripFET™II Power MOSFET
19-Feb-2007
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET??V Power MOSFET
23-Sep-2008
STD70N2LH5 STMICROELECTRONICS-STD70N2LH5 Datasheet
232Kb / 12P
N-channel 25 V, 0.006 Ω, 48 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
STD30PF03LT4 STMICROELECTRONICS-STD30PF03LT4 Datasheet
339Kb / 13P
P-channel 30 V - 0.025 Ω - 24 A - DPAK / IPAK STripFET??II Power MOSFET
14-Jan-2008
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
03-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com