Electronic Components Datasheet Search
  English  ▼

X  

LA4743 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4743
Description  45 W Four-Channel (Bridge Circuit) Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4743 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4743 Datasheet HTML 1Page - Sanyo Semicon Device LA4743 Datasheet HTML 2Page - Sanyo Semicon Device LA4743 Datasheet HTML 3Page - Sanyo Semicon Device LA4743 Datasheet HTML 4Page - Sanyo Semicon Device LA4743 Datasheet HTML 5Page - Sanyo Semicon Device LA4743 Datasheet HTML 6Page - Sanyo Semicon Device LA4743 Datasheet HTML 7Page - Sanyo Semicon Device LA4743 Datasheet HTML 8Page - Sanyo Semicon Device LA4743 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No. 6630-2/9
LA4743B
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
RL = ∞, Rg = 0
100
200
350
mA
Standby current
Ist
Vst = 0 V
10
µA
Output offset voltage
VNoffset
Rg = 0
–150
+150
mV
Voltage gain
VG
VO = 0 dBm
31
32
33
dB
Voltage gain difference
∆VG
–1
+1
dB
PO1
THD = 10 %
23
28
W
Output power
PO max1 VCC = 13.7 V, VIN = 5 Vrms
40
W
PO max2 VIN = 5 Vrms
45
W
Total harmonic distortion
THD
PO = 4 W
0.1
0.4
%
Channel separation
CHsep
VO = 0 dBm, Rg = 10 kΩ
50
60
dB
Ripple rejection ratio
SVRR
fr = 100 Hz, VR = 0 dBm, Rg = 0
43
50
dB
Output noise voltage
VNO
Rg = 0, B.P.F. = 20 Hz to 20 kHz
250
450
µVrms
Muting attenuation
Mute(att)
VO = 20 dBm
70
80
dB
Operating Characteristics at Ta = 25°C, VCC = 14.4 V, f = 1 kHz, RL = 4 Ω, Rg = 600 Ω
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
14.4
V
Recommended load resistance
RL
4
Ω
Operating supply voltage range
VCC op
9 to 18
V
Operating Conditions at Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com