Electronic Components Datasheet Search
  English  ▼

X  

STPS30L30CG-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30L30CG-TR
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L30CG-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30L30CG-TR Datasheet HTML 1Page - STMicroelectronics STPS30L30CG-TR Datasheet HTML 2Page - STMicroelectronics STPS30L30CG-TR Datasheet HTML 3Page - STMicroelectronics STPS30L30CG-TR Datasheet HTML 4Page - STMicroelectronics STPS30L30CG-TR Datasheet HTML 5Page - STMicroelectronics STPS30L30CG-TR Datasheet HTML 6Page - STMicroelectronics STPS30L30CG-TR Datasheet HTML 7Page - STMicroelectronics STPS30L30CG-TR Datasheet HTML 8Page - STMicroelectronics STPS30L30CG-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS30L30C
2/9
Doc ID 5506 Rev 6
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.24 x IF(AV) + 0.009 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current
δ = 0.5
Tc = 140 °C,
Per diode
Per device
15
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal,
220
A
IRRM
Peak repetitive reverse current
tp = 2 µs square, F= 1 kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
3
A
PARM
(1)
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
5300
W
VARM
(2)
Maximum repetitive peak avalanche
voltage
tp < 1 µs Tj < 150 °C
IAR < 35 A
45
V
VASM
(2)
Maximum single pulse peak
avalanche voltage
tp < 1 µs Tj < 150 °C
IAR < 35 A
45
V
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (3)
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
1.
For temperature or pulse time duration deratings, refer to Figure 4. and Figure 5.. More details regarding the avalanche
energy measurements and diode validation in the avalanche are provided in the application notes AN1768 and AN2025.
2.
Refer to Figure 12
3.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
Table 3.
Thermal resistance(1)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Total
1.5
0.8
°C/W
Rth(c)
Coupling
0.1
1.
When the diodes 1 and 2 are used simultaneously:
Δ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
1.5
mA
Tj = 125 °C
170
350
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 15 A
0.46
V
Tj = 125 °C
0.33
0.37
Tj = 25 °C
IF = 30A
0.57
Tj = 125 °C
0.43
0.5
1.
Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com