Electronic Components Datasheet Search
  English  ▼

X  

SHD218513 Datasheet(PDF) 2 Page - Sensitron

Part # SHD218513
Description  HERMETIC POWER MOSFET N-CHANNEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD218513 Datasheet(HTML) 2 Page - Sensitron

  SHD218513 Datasheet HTML 1Page - Sensitron SHD218513 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
DATA SHEET 747,
REVISION -
MECHANICAL DIMENSIONS: in Inches / mm
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
MOSFET, SURFACE MOUNT
SHD-5, 5A, 5B PACKAGE
DRAIN
SOURCE
GATE
SHD218513
SHD218513A
SHD218513B
SHD-5
SHD-5A
SHD-5B
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’
fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.
.370±.010
(9.40±.254)
2
3
.610±.010
(15.5 ±.254)
.030±.010
(.762±.254)
.110 (2.80) Max
Alumina Ring
Terminal 1
2
3
.370±.010
(9.40±.254)
.610±.010
(15.5±.254)
.125±.010
(3.17±.254)
.110 (2.79) Max
Alumina Ring
.510±.020
(12.9±.508)
.320±.010
(8.13±.254)
.030±.010
(.762±.254)
Moly Lid
Moly Base
Terminal 1
.060±.010
(1.52±.254)
.020±.002
(.508±.051)
.020±.005 R
(.508±.127 )
2
3
.370±.010
(9.40±.254)
.610±.010
(15.5±.254)
.090±.010
(2.29±.254)
.130 (3.30) Max
Alumina Ring
.520±.020
(13.2±.508)
.320±.010
(8.13 ±.254)
.030±.010
(.762±.254)
Moly Lid
Moly Base
Terminal 1
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
Copper Terminals



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com