Electronic Components Datasheet Search
  English  ▼

X  

BCY34AL Datasheet(PDF) 1 Page - Seme LAB

Part # BCY34AL
Description  Bipolar PNP Device in a Hermetically sealed TO5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY34AL Datasheet(HTML) 1 Page - Seme LAB

  BCY34AL Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCY34AL
Bipolar PNP Device.
V
CEO =
32V
I
C = 0.1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
32
V
I
C(CONT)
0.1
A
h
FE
@ 4.5/20m (V
CE / IC)
15
60
-
f
t
7M
Hz
P
D
0.6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
20-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO5
Metal Package.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
38.00
(1.5)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO5 (TO205AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - BCY34AL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCY34A SEME-LAB-BCY34A Datasheet
37Kb / 2P
SMALL SIGNAL PNP TRANSISTORS
More results

Similar Description - BCY34AL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N1131L SEME-LAB-2N1131L Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
2N2904AL SEME-LAB-2N2904AL Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
2N2905AL SEME-LAB-2N2905AL Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
2N2905L SEME-LAB-2N2905L Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
2N5781XL SEME-LAB-2N5781XL Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
2N5782L SEME-LAB-2N5782L Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
BCY32A SEME-LAB-BCY32A Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
BCY38A SEME-LAB-BCY38A Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
BCY40A SEME-LAB-BCY40A Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
CV9790L SEME-LAB-CV9790L Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com