Electronic Components Datasheet Search
  English  ▼

X  

SHD239607 Datasheet(PDF) 1 Page - Sensitron

Part # SHD239607
Description  HERMETIC POWER MOSFET N-CHANNEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD239607 Datasheet(HTML) 1 Page - Sensitron

  SHD239607 Datasheet HTML 1Page - Sensitron SHD239607 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 623, REV -
HERMETIC POWER MOSFET
N-CHANNEL
FEATURES:
• 600 Volt, 0.35 Ohm MOSFET
• Isolated and Hermetically Sealed
• Surface Mount Package
• Electrically equivalent to IXTM20N60
MAXIMUM RATINGS
ALL RATINGS ARE AT T
A
= 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
GATE TO SOURCE VOLTAGE
VGS
-
-
±20
Volts
CONTINUOUS DRAIN CURRENT
VGS=10V, TC = 25°C
ID
-
-
20
Amps
PULSED DRAIN CURRENT
@ TC = 25°C
IDM
-
-
80
Amps
OPERATING AND STORAGE TEMPERATURE
TOP/TSTG
-55
-
+150
°C
TERMAL RESISTANCE JUNCTION TO CASE
RθJC
-
-
0.27
°C/W
TOTAL DEVICE DISSIPATION @ TC = 25°C
PD
-
-
450
Watts
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNITS
DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS = 0V, ID = 250μA
BVDSS
600
-
-
Volts
DRAIN TO SOURCE ON STATE RESISTANCE
VGS = 10V, ID = 10A
RDS(ON)
-
-
0.35
Ω
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = 250μA
VGS(th)
2.0
-
4.5
Volts
FORWARD TRANSCONDUCTANCE
VDS = 10V, ID = 10A
gfs
11
18
-
S(1/
Ω)
ZERO GATE VOLTAGE DRAIN CURRENT,
TJ = 25°C
(VDS = 0.8xMax. Rating, VGS = 0V), TJ = 125°C
IDSS
-
-
250
1000
μA
GATE TO SOURCE LEAKAGE FORWARD
VGS = 20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = -20V
IGSS
-
-
100
-100
nA
TOTAL GATE CHARGE
VGS = 10 V,
GATE TO SOURCE CHARGE
VDS = 300V,
GATE TO DRAIN CHARGE
ID = 10A
Qg
Qgs
Qgd
-
150
29
60
170
40
85
nC
TURN ON DELAY TIME
VDS = 300V,
RISE TIME
ID = 10A,
TURN OFF DELAY TIME
RG = 2.0Ω,
FALL TIME
VGS = 10V
td(ON)
tr
td(OFF)
tf
-
20
43
70
40
40
60
90
60
nsec
DIODE FORWARD VOLTAGE
TJ = 25°C, IF = IS
VGS = 0V
VSD
-
-
1.5
Volts
REVERSE RECOVERY TIME
TJ = 25°C,
IF = IS,
di/dt
≤ = 100A/μsec
trr
-
600
-
nsec
INPUT CAPACITANCE
VGS = 0V, VDS = 25V,
OUTPUT CAPACITANCE
f=1MHz
REVERSE TRANSFER CAPACITANCE
Ciss
Coss
Crss
-
4500
420
140
-
pF
SHD239607


Similar Part No. - SHD239607

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD239607 SENSITRON-SHD239607 Datasheet
42Kb / 2P
POWER MOSFETS
More results

Similar Description - SHD239607

ManufacturerPart #DatasheetDescription
logo
Sensitron
2N7225 SENSITRON-2N7225 Datasheet
41Kb / 3P
HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
HERMETIC POWER MOSFET N-CHANNEL
SHD218504 SENSITRON-SHD218504 Datasheet
43Kb / 2P
HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com