Electronic Components Datasheet Search
  English  ▼

X  

STS5N15M3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS5N15M3
Description  N-channel 150 V, 45 m廓, 5 A, SO-8 ultra low gate charge MDmesh??III Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS5N15M3 Datasheet(HTML) 1 Page - STMicroelectronics

  STS5N15M3 Datasheet HTML 1Page - STMicroelectronics STS5N15M3 Datasheet HTML 2Page - STMicroelectronics STS5N15M3 Datasheet HTML 3Page - STMicroelectronics STS5N15M3 Datasheet HTML 4Page - STMicroelectronics STS5N15M3 Datasheet HTML 5Page - STMicroelectronics STS5N15M3 Datasheet HTML 6Page - STMicroelectronics STS5N15M3 Datasheet HTML 7Page - STMicroelectronics STS5N15M3 Datasheet HTML 8Page - STMicroelectronics STS5N15M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2008
Rev 2
1/12
12
STS5N15M3
N-channel 150 V, 45 m
Ω, 5 A, SO-8
ultra low gate charge MDmesh™ III Power MOSFET
Features
■ Low on-resistance
■ Low input capacitance and gate charge
■ Low gate input resistance
■ High dv/dt avalanche capabilities
Application
■ Switching applications
Description
This device is realized with the third generation of
MDmesh™ technology. This Power MOSFET
associates an improved vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STS5N15M3
150 V
< 0.057
Ω
5 A
SO-8
Table 1.
Device summary
Order code
Marking
Package
Packaging
STS5N15M3
5R15-
SO-8
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STS5N15M3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS5N15M3 VBSEMI-STS5N15M3 Datasheet
966Kb / 9P
N-Channel 150 V (D-S) MOSFET
More results

Similar Description - STS5N15M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NH3LL STMICROELECTRONICS-STS12NH3LL Datasheet
178Kb / 7P
N-CHANNEL 30 V - 0.008 ??- 12 A SO-8 ULTRA LOW GATE CHARGE STripFET??MOSFET
21-Jul-2004
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
N-channel 600 V - 0.85 Ω - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh™II Power MOSFET
27-Nov-2007
STS8C5H30L_0707 STMICROELECTRONICS-STS8C5H30L_0707 Datasheet
429Kb / 14P
N-channel 30V - 0.018 Ω - 8A/p-channel 30V - 0.045 Ω - 5A - SO-8 Low gate charge STripFET??III MOSFET
23-Jul-2007
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
Dual n-channel 30 V - 0.018 Ω - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
16-Jun-2008
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
N-channel 30 V - 0.018 Ω - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
12-Dec-2007
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_07 Datasheet
316Kb / 13P
N-channel 30 V - 0.008 Ω - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
26-Nov-2007
STL21N65M5 STMICROELECTRONICS-STL21N65M5 Datasheet
894Kb / 14P
N-channel 650 V, 0.175 Ω, 17 A PowerFLAT??(8x8) HV ultra low gate charge MDmesh™V Power MOSFET
18-May-2011
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
N-channel 600 V, 0.160 Ω, 19 A PowerFLAT™8x8 HV ultra low gate charge MDmesh™II Power MOSFET
03-Nov-2011
STS5N15F4 STMICROELECTRONICS-STS5N15F4 Datasheet
716Kb / 11P
N-channel 150 V, 0.057廓, 5 A, SO-8 STripFET??DeepGATE??Power MOSFET
03-Aug-2009
STS5N15F3 STMICROELECTRONICS-STS5N15F3 Datasheet
573Kb / 12P
N-channel 150 V, 0.045, 5 A, SO-8
23-Aug-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com