Electronic Components Datasheet Search
  English  ▼

X  

SS5418 Datasheet(PDF) 1 Page - Sensitron

Part # SS5418
Description  HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SS5418 Datasheet(HTML) 1 Page - Sensitron

  SS5418 Datasheet HTML 1Page - Sensitron SS5418 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
•
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
___
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4972, REV B
HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
• Hermetic, non-cavity glass package
• Metallurgically bonded
• Manufacture & screen to JANS per MIL-PRF-19500/411 using Sensitron specification, 7700-409X
• Physical dimensions: Axial lead similar to DO-35 and surface mount similar to D-5
DESCRIPTION: 400 VOLT, 3.0 AMP, 150 NANOSECOND RECTIFIER
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage (PIV)
-
-
-
400
Vdc
Average DC Output Current
(Io)
TA = +55
oC
-
-
3.0
Amps
Peak Single Cycle Surge
Current (Ifsm)
tp = 8.3 ms Single Half Cycle
Sine Wave, Superimposed
On Rated Load
-
-
80
Amps(pk)
Operating and Storage
Temp. (Top & Tstg)
-
-65
-
+175
°C
Maximum Forward Voltage
(Vf)
If = 9.0A (300 µsec pulse,
duty cycle < 2%)
-
-
1.5
Volts
Maximum Instantaneous
Reverse Current At Rated
(PIV)
TA = 25° C
TA = 100° C
-
-
1.0
20
µAmps
Reverse Recovery Time (trr)
If = 0.5A, Ir = 1.0A, Irr = 0.25A
-
-
150
nsec
Thermal Resistance (
θ
JL)
d = 0.375”
-
-
20
° C/W
MECHANICAL DIMENSIONS In Inches / (mm), min./max.
Note: The cathode side is marked with a dark colored band on one side of the diode body.
SS5418/US
.260
.130
(6.60
3.30)
1.30
0.90
(33.0
22.9)
.180
.115
(4.57
2.92)
0.042
0.037
(1.07
0.94)
.128
.091
(3.8
3.4)
.028
.019
(.72
.48)
.225
.200
(5.8
5.0)
.148
.137
(3.8
3.4 )
.003 Min
(.076)
0.020 R Max
(5.08)
PKG. 301
MELF-B


Similar Part No. - SS5418

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS541AT HONEYWELL-SS541AT Datasheet
220Kb / 4P
Surface Mount Sensors
More results

Similar Description - SS5418

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
Sensitron
1N5418 SENSITRON-1N5418 Datasheet
205Kb / 2P
HIGH CURRENT AXIAL LEAD RECTIFIERS
1N5807 SENSITRON-1N5807 Datasheet
42Kb / 2P
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
Axial Lead Rectifiers
June, 2006 ??Rev. 6
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Sensitron
1N5415 SENSITRON-1N5415 Datasheet
41Kb / 2P
HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
1N5550 SENSITRON-1N5550_08 Datasheet
50Kb / 3P
HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5550 SENSITRON-SS5550 Datasheet
42Kb / 3P
HIGH CURRENT AXIAL LEAD RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com