Electronic Components Datasheet Search
  English  ▼

X  

STTA2006P Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTA2006P
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA2006P Datasheet(HTML) 6 Page - STMicroelectronics

  STTA2006P_02 Datasheet HTML 1Page - STMicroelectronics STTA2006P_02 Datasheet HTML 2Page - STMicroelectronics STTA2006P_02 Datasheet HTML 3Page - STMicroelectronics STTA2006P_02 Datasheet HTML 4Page - STMicroelectronics STTA2006P_02 Datasheet HTML 5Page - STMicroelectronics STTA2006P_02 Datasheet HTML 6Page - STMicroelectronics STTA2006P_02 Datasheet HTML 7Page - STMicroelectronics STTA2006P_02 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STTA2006P/PI
6/8
APPLICATION DATA (Cont’d)
Turn-on losses :
(in the transistor, due to the diode)
P5 =
VI
S
F
xdI
dt
R
RM
F
××
+
×
×
2
32
6
()
+
×
×
×+×
VI
I
S
F
xdI
dt
RRM
L
F
()
2
2
Turn-off losses (in the diode) :
P3 =
VI
S
F
xdI
dt
R
RM
F
××
×
2
6
P3 and P5 are suitable for power MOSFET and
IGBT
I
I F
Rd
I R
V R
VtO
V F
V
Fig. B: STATIC CHARACTERISTICS
V
I
IL
t
TRANSISTOR
dI /dt
F
dI /dt
R
tb
ta
I RM
VR
DIODE
I
V
t
trr = ta + tb
S = tb / ta
Fig. C: TURN-OFF CHARACTERISTICS
I F
V F
V Fp
1.1V F
V F
F
dI /dt
0
0t
t
I Fmax
tfr
Fig. D: TURN-ON CHARACTERISTICS
Conduction losses :
P1=Vt0 .IF(AV) +Rd .IF2(RMS)
Reverse losses :
P2=VR .IR .(1- δ)
Turn-on losses :
P4 = 0.4 (VFP -VF).IFmax .tfr .F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com