Electronic Components Datasheet Search
  English  ▼

X  

BFT45 Datasheet(PDF) 1 Page - Seme LAB

Part # BFT45
Description  Bipolar PNP Device in a Hermetically sealed TO39
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFT45 Datasheet(HTML) 1 Page - Seme LAB

  BFT45 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BFT45
Bipolar PNP Device.
V
CEO =
250V
I
C = 0.5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
250
V
I
C(CONT)
0.5
A
h
FE
@ 10/10m (V
CE / IC)
20
100
-
f
t
60M
Hz
P
D
5
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - BFT45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
PNP high-voltage transistor
1997 Apr 18
More results

Similar Description - BFT45

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4032 SEME-LAB-2N4032 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
2N4234 SEME-LAB-2N4234 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
2N4236 SEME-LAB-2N4236 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
2N4239X SEME-LAB-2N4239X Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
2N4929 SEME-LAB-2N4929 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
2N5023S SEME-LAB-2N5023S Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
2N5153S SEME-LAB-2N5153S Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
2N6193A SEME-LAB-2N6193A Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
BC303 SEME-LAB-BC303 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
BC461 SEME-LAB-BC461 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com