Electronic Components Datasheet Search
  English  ▼

X  

TEB1033 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEB1033
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEB1033 Datasheet(HTML) 2 Page - STMicroelectronics

  TEB1033 Datasheet HTML 1Page - STMicroelectronics TEB1033 Datasheet HTML 2Page - STMicroelectronics TEB1033 Datasheet HTML 3Page - STMicroelectronics TEB1033 Datasheet HTML 4Page - STMicroelectronics TEB1033 Datasheet HTML 5Page - STMicroelectronics TEB1033 Datasheet HTML 6Page - STMicroelectronics TEB1033 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TEB1033-TEF1033-TEC1033
2/7
SCHEMATIC DIAGRAM (1/2 TEB1033)
ABSOLUTE MAXIMUM RATINGS
R1
2k
Ω
R16
4k
Ω
R2
2k
Ω
R5
4k
Ω
Q25
Q11
Q2
Q3
R6
4k
Ω
Q12
Q13
R11
1k
Ω
Q14
Q35
R18
2k
Ω
R12
812
Ω
VCC
VCC
Q29
Q27
Q21
Q37
Q38
Q28
Q30
Q22
Q36
Q17
R17
4k
Ω
R14
27
Ω
R13
27
Ω
Output
Q20
Q19
Q23
Q34
Q33
R10
45k
Ω
R9
15k
Ω
R8
150k
Ω
R7
15k
Ω
Q18
C1
43pF
C2
23pF
Non-inverting
Input
Inverting
Input
Q15
Q32
Q31
Q10
Q9
R4
1.2k
Ω
R3
60k
Ω
R15
150k
Ω
Q8
Q4
Q6
Q7
Q5
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18
V
Vid
Differential Input Voltage
± (VCC -1)
V
Vi
Input Voltage
± VCC
V
Ptot
Power Dissipation
D suffix
N suffix
400
665
mW
Toper
Operating Free-Air Temperature Range
TEB1033
TEF1033
TEC1033
0 to +70
-40 to 105
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com