Electronic Components Datasheet Search
  English  ▼

X  

IC-DN Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-DN
Description  LOWSIDE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DN Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-DN Datasheet HTML 1Page - IC-Haus GmbH IC-DN Datasheet HTML 2Page - IC-Haus GmbH IC-DN Datasheet HTML 3Page - IC-Haus GmbH IC-DN Datasheet HTML 4Page - IC-Haus GmbH IC-DN Datasheet HTML 5Page - IC-Haus GmbH IC-DN Datasheet HTML 6Page - IC-Haus GmbH IC-DN Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
prel
imin
ary
prel
imin
ary
iC-DN
LOWSIDE SWITCH
Rev B1, Page 4/7
ELECTRICAL CHARACTERISTICS
Operating Conditions: V(PI) = 4...36 V, Tj = -40...120 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
No.
°C
Min.
Typ.
Max.
Total Device
001
V(PI)
PI Supply Voltage with reference
to VN
4
36
V
002
I(PI)
PI Supply Current
No load;
(V(PI) - V(NI)) > V(PI)on (301)
250
950
µA
(V(PI) - V(NI)) < V(PI)off (302)
0
750
µA
003
I(NI)
NI Input Current
No load;
(V(PI) - V(NI)) > V(PI)on
-500
20
µA
(V(PI) - V(NI)) < V(PI)off
-200
0
µA
004
I(VN)
VN Supply Current
No load;
(V(PI) - V(NI)) > V(PI)on
-650
-200
µA
(V(PI) - V(NI)) < V(PI)off
-600
0
µA
005
Ilk(DN)
DN Output Leakage Current
(V(PI) - V(NI)) < V(PI)off,
V(DN) = 0...36 V
-100
100
µA
006
Vc(DN)hi
DN Clamp Voltage high
Vc(DN)hi = V(DN) - V(VN),
I(DN) = 10 mA
40
45
60
V
007
Vc(DN)lo
DN Clamp Voltage low
Vc(DN)lo = V(DN) - V(VN),
I(DN) = -10 mA
-1
-0.3
V
008
Vc()hi
PI, NI Clamp Voltage high
Vc()hi = V() - V(VN), I() = 4 mA
37
40
V
009
Vc()lo
PI, NI Clamp Voltage low
Vc()lo = V() - V(VN), I() = -4 mA
-1
-0.3
V
010
tpiohi
Activation Delay PI → DN
V(PI)on < (V(PI) - V(NI)) < 36 V,
V(Rload) = 36 V, Rload = 360 Ω,
I(DN) = 0 → 90 mA
0.6
6
µs
011
tpiolo
Deactivation Delay PI → DN
(V(PI) - V(NI)) < V(PI)off,
V(Rload) = 36 V, Rload = 360 Ω,
I(DN) = 100 → 10 mA
0.6
35
µs
Lowside Output DN
101
Vs(DN)
Output Saturation Voltage
DN = lo;
I(DN) = 200 mA
600
mV
I(DN) = 50 mA
150
mV
102
Isc(DN)
Output Short-Circuit Current
V(DN) = 1 V...VB, DN = lo
200
300
550
mA
103
SR(DN)on Slew Rate V(DN) → 0
(V(PI) - V(NI)) > V(PI)on,
V(Rload) = 36 V, Rload = 360 Ω,
V(DN) = 32.4 → 3.6 V
65
V/µs
104
SR(DN)off Slew Rate V(DN) → V(PI)
(V(PI) - V(NI)) < V(PI)off,
V(Rload) = 36 V, Rload = 360 Ω,
V(DN) = 3.6 → 32.4 V
20
V/µs
105
Vfw(DN)
Freewheeling Voltage
I(DN) = 200 mA
40
45
60
V
Temperature Monitor
201
Toff
Thermal Shutdown Threshold
120
150
°C
202
Ton
Thermal Release Threshold
Decreasing temperature
110
135
°C
203
Thys
Thermal Shutdown Hysteresis
Thys = Toff – Ton
15
°C
Input Threshold
301
V(PI)on
Power-On Threshold Voltage
V(PI) - V(NI)
2.7
4.3
V
302
V(PI)off
Power-Off Threshold Voltage
V(PI) – V(NI)
Decreasing voltage
1.7
3.9
V
303
V(PI)hys
Hysteresis
V(PI)hys = V(PI)on – V(PI)off
160
250
1200
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com