Electronic Components Datasheet Search
  English  ▼

X  

2SA1202 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1202
Description  Power Amplifier Applications Voltage Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1202 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1202 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1202 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1202 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1202 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1202
2009-12-21
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1202
Power Amplifier Applications
Voltage Amplifier Applications
• Suitable for driver of 30 to 35 watts audio amplifier
• Small flat package
• PC = 1.0 to 2.0 W (mounted on a ceramic substrate)
• Complementary to 2SC2882
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−80
V
Collector-emitter voltage
VCEO
−80
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−400
mA
Base current
IB
−80
mA
PC
500
Collector power dissipation
PC
(Note 1)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on a ceramic substrate (250 mm
2 × 0.8 t)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
PW-MINI
JEDEC
―
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SA1202

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1202 TOSHIBA-2SA1202 Datasheet
153Kb / 2P
TRANSISTOR (POWER, VOLTAGE AMPLIFIER APPLICATIONS)
02-Sep-1996
2SA1202 TOSHIBA-2SA1202 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1202 KEXIN-2SA1202 Datasheet
359Kb / 2P
Power Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA1202 NJSEMI-2SA1202 Datasheet
227Kb / 1P
New Jersey Semi-Conductor Products,
logo
Toshiba Semiconductor
2SA1202 TOSHIBA-2SA1202 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SA1202

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA817A TOSHIBA-2SA817A_07 Datasheet
122Kb / 4P
Driver-Stage Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1201 KEXIN-2SA1201 Datasheet
366Kb / 2P
Voltage Amplifier Applications
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
SHIKUES Electronics
2SC2881 SKTECHNOLGY-2SC2881 Datasheet
381Kb / 2P
Voltage Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com