Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-DX
Description  UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-DX Datasheet HTML 1Page - IC-Haus GmbH IC-DX Datasheet HTML 2Page - IC-Haus GmbH IC-DX Datasheet HTML 3Page - IC-Haus GmbH IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
preliminary
preliminary
iC-DX
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Rev A2, Page 2/9
DESCRIPTION
The iC-DX is a monolithic switch capable of driving
ohmic, inductive and capacitive loads and features in-
tegrated reverse polarity protection. The supply volt-
age VB of the device can range from 8 to 30 V.
Output source/sink-current is at least 150 mA, with
saturation voltages of typically 2 V.
With input OE on high level state, the output works
as a push-pull stage under control of pin IN. If pin IN
is set either to high or low level, the output acts as
a high-side (PNP) or low-side (NPN) driver which is
activated by a high logic level on input OE.
Output transitions are slew-rate limited to minimize
interference on lines. The output is current limited to
450 mA maximum and short circuit protected by shut-
ting down the device with excessive temperature.
A regulated 5 V supply which can be loaded up to
10 mA is available at pin VOUT.
PACKAGES DFN6 2x2
PIN CONFIGURATION
1
2
3
4
5
6
dra_dfn6-1_pack_3, 20:1
PIN FUNCTIONS
No. Name Function
1 VOUT Regulated +5 V Voltage
2 GND
Ground
3 IN
Input
4 OE
Output Enabled
5 OUT
Driver Output
6 VB
Supply Voltage
The Thermal Pad is to be connected to a Ground Plane (GND) on the PCB.
Only pin 1 marking on top or bottom defines the package orientation (top label and coding is subject to
change).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com