Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-DX
Description  Digital Sensor Output Drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-DX Datasheet HTML 1Page - IC-Haus GmbH IC-DX Datasheet HTML 2Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
iC-DX / iC-DXC
Digital Sensor Output Drivers
Am Kuemmerling 18 • D-55294 Bodenheim, Germany
Phone: +49 (6135) 9292-300 • Fax: +49 (6135) 9292-192 • http://www.ichaus.com
Rev. 2.0
Pin Functions
iC-DX
iC-DXC
Name
Function
1
1
VOUT
Regulated +5 V Voltage
-
2
MON
Monitor Output
2
3
GND
Ground
3
4
IN
Input
4
5
OE
Output Enable
-
6
CFO
Feedback Channel Output
5
7
OUT
Driver Output
6
8
VB
+8 V to +30 V Supply Voltage
This preliminary information is not tantamount to a guarantee of device characteristics. All rights to technical changes reserved.
Applications Examples
Highside switch
Lowside switch
Push-pull
Key Specifications
General
iC-DX
iC-DXC
Supply Voltage
8 to 30 V
Supply Current (max.)
1.5 mA
1.6 mA
Output Short-Circuit Duration
Indefinite
Operating Temperature Range
-40 °C to +150 °C
Driver Output OUT
iC-DX
iC-DXC
Saturation Voltage low/high (@ 100 mA)
1.5 V max.
-
Saturation Voltage low/high (@ 150 mA)
2.0 V max.
1.5 V max.
Saturation Voltage low/high (@ 200 mA)
-
2.0 V max.
Short-Circuit Current low/high
450 mA max.
Slew Rate VB = 30 V, CL = 2.2 nF
40 V/µs max.
Thermal Shutdown
iC-DX
iC-DXC
Power-On Threshold
8 V max.
Thermal Shutdown Temperature
150 °C min., 180 °C max.
Regulator Output VOUT
iC-DX
iC-DXC
Output Voltage, VB = 9..30 V,
I(VOUT) = 0..10 mA
4.7 V min., 5.3 V max.
Short-Circuit Current, VOUT to GND
125 mA max.
Inputs OE, IN
iC-DX
iC-DXC
Propagation Delay,
IN to OUT, OE to OUT
5.2 µs
max.
6.5 µs
max.
Required Pulse Width at IN, OE
for switching
4 µs min.
Spurious Pulse Width at IN, OE
for non-switching
1.6 µs max.
Feedback Channel
iC-DXC
Propagation Delay OUT to CFO
1 µs min., 5 µs max.
Propagation Delay OUT to MON,
short circuit detection
5.5 µs min., 14 µs max.
Input Threshold high at OUT (VB > 18 V)
10 V min., 12.5 V max.
Input Threshold low at OUT, (VB > 18 V)
8.3 V min., 10.5 V max.
Pin Configuration
1
2
3
4
5
6
Backside
Pad/Shield
(BP)
1
2
3
4
5
6
7
8
Backside
Pad/Shield
(BP)
DFN6 2x2
DFN8 3x3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com