Electronic Components Datasheet Search
  English  ▼

X  

2SA1213 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SA1213
Description  Power Amplifier Applications Power Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1213 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SA1213 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1213 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1213 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1213 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1213 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1213
2009-12-21
4
Collector-emitter voltage VCE (V)
Safe Operating Area
IC – VBE
Base-emitter voltage VBE (V)
0
−1.2
−0.8
−0.4
0
−0.8
−2.0
−1.2
−0.4
−1.6
−1.6
−2.0
−2.4
Common emitter
VCE = −2 V
Ta
= 100°C
25
−55
Ambient temperature Ta (°C)
PC – Ta
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
Tested without a substrate.
−0.1
−3
−0.3
−30
−100
−3
−30
−10
−100
−5
−50
IC max (pulse)*
IC max
(continuous)
100 ms*
1 ms*
10 ms*
VCEO max
−10
−1
−300
−3000
−1000
−500
DC operation
Ta
= 25°C
−1
1 s*
0
0
0.6
0.2
0.8
0.4
1.2
1.0
120
80
100
40
60
20
140
160
(1) Mounted on ceramic substrate
(250 mm
2
× 0.8 t)
(2) No heat sink
(1)
(2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com