Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G02 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC1G02
Description  SINGLE 2 INPUT POSITIVE NOR GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G02 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1G02 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G02 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G02 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G02 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G02 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G02 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G02 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G02 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G02 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC1G02
SINGLE 2 INPUT POSITIVE NOR GATE
74LVC1G02
Document number: DS32197 Rev. 2 - 2
1 of 14
www.diodes.com
October 2010
© Diodes Incorporated
Description
The 74LVC1G02 is a single 2-input positive NOR gate with a
standard totem pole output. The device is designed for
operation with a power supply range of 1.65V to 5.5V. The
inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for
partial power down applications using IOFF. The IOFF circuitry
disables the output preventing damaging current backflow
when the device is powered down.
The gate performs the positive Boolean function:
B
A
Y
+
=
or
B
A
Y
•
=
Features
•
Wide Supply Voltage Range from 1.65 to 5.5V
•
± 24mA Output Drive at 3.3V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs accept up to 5.5V
•
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
•
Latch-Up Exceeds 100mA per JESD 78, Class II
•
Range of Package Options
•
Direct Interface with TTL Levels
•
SOT25, SOT353, and DFN1410: Assembled with “Green”
Molding Compound (no Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
SOT25 / SOT353
A
GND
Y
Vcc
(Top View)
5
4
3
2
1
B
2
3
(Top View)
DFN1410 (Note 2)
A
B
GND
Y
Vcc
NC
4
6
5
1
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as.
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pin 2 and pin 5 of the DFN1410 package are internally connected.


Similar Part No. - 74LVC1G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
Single 2-input NOR gate
2004 Sep 07
74LVC1G02 NXP-74LVC1G02 Datasheet
87Kb / 14P
Single 2-input NOR gate
Rev. 07-18 July 2007
logo
Diodes Incorporated
74LVC1G02 DIODES-74LVC1G02 Datasheet
200Kb / 11P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC1G02 NEXPERIA-74LVC1G02 Datasheet
255Kb / 16P
Single 2-input NOR gate
Rev. 15 - 8 February 2022
logo
TECH PUBLIC Electronics...
74LVC1G02 TECHPUBLIC-74LVC1G02 Datasheet
1Mb / 6P
SINGLE 2-INPUT NOR GATE
More results

Similar Description - 74LVC1G02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
SINGLE 2-INPUT POSITIVE NOR-GATE
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
SINGLE 2 INPUT POSITIVE NOR GATE
Rev 1
logo
Texas Instruments
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHC1G02Q DIODES-74AHC1G02Q Datasheet
528Kb / 9P
SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com