Electronic Components Datasheet Search
  English  ▼

X  

CV7477 Datasheet(PDF) 1 Page - Seme LAB

Part # CV7477
Description  Bipolar NPN Device in a Hermetically sealed TO18
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CV7477 Datasheet(HTML) 1 Page - Seme LAB

  CV7477 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CV7644
Bipolar NPN Device.
V
CEO =
70V
I
C = 0.5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
70
V
I
C(CONT)
0.5
A
h
FE
@ /0.2 (V
CE / IC)
75
250
-
f
t
200M
Hz
P
D
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar NPN Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - CV7477

ManufacturerPart #DatasheetDescription
logo
Seme LAB
CV7478 SEME-LAB-CV7478 Datasheet
13Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
More results

Similar Description - CV7477

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N915 SEME-LAB-2N915 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
2N2368 SEME-LAB-2N2368 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
2N3011 SEME-LAB-2N3011 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
2N3947 SEME-LAB-2N3947 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
2S104 SEME-LAB-2S104 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BC394 SEME-LAB-BC394 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BCW34X SEME-LAB-BCW34X Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BFT29X SEME-LAB-BFT29X Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BFY74 SEME-LAB-BFY74 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BSX52A SEME-LAB-BSX52A Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com