Electronic Components Datasheet Search
  English  ▼

X  

2SA1297 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1297
Description  Power Amplifier Applications Power Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1297 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1297 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1297 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1297 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1297
2010-03-15
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1297
Power Amplifier Applications
Power Switching Applications
• Low saturation voltage: VCE (sat) = −0.5 V (max) @IC = −2 A
• Complementary to 2SC3267.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−20
V
Collector-emitter voltage
VCEO
−20
V
Emitter-base voltage
VEBO
−6
V
Collector current
IC
−2
A
Base current
IB
−0.5
A
Collector power dissipation
PC
400
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −20 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cut-off current
IEBO
VEB = −6 V, IC = 0
⎯
⎯
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−20
⎯
⎯
V
Emitter-base breakdown voltage
V (BR) EBO
IE = −0.1 mA, IC = 0
−6
⎯
⎯
V
hFE (1)
(Note)
VCE = −2 V, IC = −0.1 A
120
⎯
400
DC current gain
hFE (2)
VCE = −2 V, IC = −2 A
40
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = −2 A, IB = −0.1 A
⎯
⎯
−0.5
V
Base-emitter voltage
VBE
VCE = −2 V, IC = −0.1 A
⎯
⎯
−0.85
V
Transition frequency
fT
VCE = −2 V, IC = −0.5 A
⎯
120
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
40
⎯
pF
Note: hFE (1) Y: 120 to 240, GR: 200 to 400
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-4E1A
Weight: 0.13 g (typ.)
MINI


Similar Part No. - 2SA1297

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1297 TOSHIBA-2SA1297 Datasheet
149Kb / 2P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
11-Nov-1996
2SA1297 TOSHIBA-2SA1297 Datasheet
380Kb / 3P
Power Amplifier Applications Power Switching Applications
2SA1297 TOSHIBA-2SA1297 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
2SA1297 TOSHIBA-2SA1297_07 Datasheet
380Kb / 3P
Power Amplifier Applications Power Switching Applications
More results

Similar Description - 2SA1297

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com