Electronic Components Datasheet Search
  English  ▼

X  

CV9790LL Datasheet(PDF) 1 Page - Seme LAB

Part # CV9790LL
Description  Bipolar PNP Device in a Hermetically sealed TO5 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CV9790LL Datasheet(HTML) 1 Page - Seme LAB

  CV9790LL Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CV9790LL
Bipolar PNP Device.
V
CEO =
60V
I
C = 0.6A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
0.6
A
h
FE
@ 4/0.1 (V
CE / IC)
50
200
-
f
t
100M
Hz
P
D
0.5
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
20-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO5
Metal Package.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
38.00
(1.5)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO5 (TO205AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - CV9790LL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
CV9790L SEME-LAB-CV9790L Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5
More results

Similar Description - CV9790LL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2S304A SEME-LAB-2S304A Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package.
2N2993 SEME-LAB-2N2993 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package
2S323 SEME-LAB-2S323 Datasheet
18Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package
2S302A SEME-LAB-2S302A Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package
2S305A SEME-LAB-2S305A Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package
2S322 SEME-LAB-2S322 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package
BCY30A SEME-LAB-BCY30A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5 Metal Package.
BCY33A SEME-LAB-BCY33A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO5 Metal Package.(32V, 0.1A)
2N3830L SEME-LAB-2N3830L Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package
CV7063 SEME-LAB-CV7063 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com