Electronic Components Datasheet Search
  English  ▼

X  

IC-LFS Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-LFS
Description  32x1 LINEAR IMAGE SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFS Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-LFS Datasheet HTML 1Page - IC-Haus GmbH IC-LFS Datasheet HTML 2Page - IC-Haus GmbH IC-LFS Datasheet HTML 3Page - IC-Haus GmbH IC-LFS Datasheet HTML 4Page - IC-Haus GmbH IC-LFS Datasheet HTML 5Page - IC-Haus GmbH IC-LFS Datasheet HTML 6Page - IC-Haus GmbH IC-LFS Datasheet HTML 7Page - IC-Haus GmbH IC-LFS Datasheet HTML 8Page - IC-Haus GmbH IC-LFS Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
prel
imin
ary
prel
imin
ary
iC-LFS
32x1 LINEAR IMAGE SENSOR
Rev A1, Page 6/9
DESCRIPTION OF FUNCTIONS
Normal operation
Following an internal power-on reset the integration
and hold capacitors are discharged and the sample
and hold circuit is set to sample mode. A high signal
at SI and a rising edge at CLK triggers a readout cycle
and with it a new integration cycle.
In this process the hold capacitors of pixels 1 to 31 are
switched to hold mode immediately (SNH = 1), with
pixel 32 (SNH32 = 1) following suit one clock pulse
later. This special procedure allows all pixels to be
read out with just 32 clock pulses. The integration ca-
pacitors are discharged by a one clock long reset sig-
nal (NRCI = 0) which occurs between the 2nd and 3rd
falling edge of the readout clock pulse (cf. Figure 4).
After the 31 pixels have been read out these are again
set to sample mode (SNH = 0), likewise for pixel 32
one clock pulse later (SNH32 = 0).
SNH
SNH32
NRCI
Integration Time Pixel 1−31
Integration Time Pixel 32
Pix32
Pix31
...
Pix31
Pix32
Pix30
31
Pix1
1
32
3
V(AO)
CLK
SI
Pix2
Pix3
30
1
2
31
32
2
4
...
Pix1
Figure 4: Readout cycle and integration sequence
If prior to the 32th clock pulse a high signal occurs
at SI the present readout is halted and immediately
reinitiated with pixel 1. In this instance the hold ca-
pacitors retain their old value i.e. hold mode prevails
(SNH/SNH32 = 0).
Pix2
Pix3
30
1
32
5
1
Pix4
Pix5
2
3
Pix2
4
Pix32
2
Pix1
...
...
SNH
SNH32
NRCI
2
4
Pix4
Pix3
31
Pix31
Pix32
Pix30
Pix1
Pix1
1
32
3
V(AO)
CLK
SI
Figure 5: Restarting a readout cycle
With more than 32 clock pulses until the next SI signal,
pixel 1 is output without entering hold mode; the out-
put voltage tracks the voltage of the pixel 1 integration
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com