Electronic Components Datasheet Search
  English  ▼

X  

IC-LSB Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-LSB
Description  8-CHANNEL ACTIVE PHOTOSENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSB Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-LSB Datasheet HTML 1Page - IC-Haus GmbH IC-LSB Datasheet HTML 2Page - IC-Haus GmbH IC-LSB Datasheet HTML 3Page - IC-Haus GmbH IC-LSB Datasheet HTML 4Page - IC-Haus GmbH IC-LSB Datasheet HTML 5Page - IC-Haus GmbH IC-LSB Datasheet HTML 6Page - IC-Haus GmbH IC-LSB Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
iC-LSB
8-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Rev C1, Page 1/7
FEATURES
o Monolithic array of independent photosensors with excellent
matching
o Compact photosensor size of 800 µm x 300 µm enabling
high-quality encoder scanning at reduced system dimensions
o Narrow track pitch of 0.42 mm cuts down illumination efforts
o Enhanced EMI immunity due to on-chip pre-amplification
o Dark current compensation permits high temperature
operation
o Open-collector outputs as highside current source
o Simple gain setting and current-to-voltage conversion by
external load resistors
o Single supply operation from 4 V to 5.5 V
o Low power consumption
o Space saving, RoHS compliant optoQFN and optoBGA
packages
o Options: extended temperature range of -40 to 125 °C,
customized COB modules, reticles and code discs
APPLICATIONS
o Optical position encoding from
analog sine/cosine signals
o Incremental encoders with index
signal
PACKAGES
14-pin optoBGA
6.2 mm x 5.2 mm
BLOCK DIAGRAM
Copyright © 2004, 2010 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-LSB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSC ICHAUS-IC-LSC Datasheet
517Kb / 8P
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCCHIP ICHAUS-IC-LSCCHIP Datasheet
336Kb / 7P
-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCOBGALS2C ICHAUS-IC-LSCOBGALS2C Datasheet
336Kb / 7P
-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSCOBGALS2C-LSCXR ICHAUS-IC-LSCOBGALS2C-LSCXR Datasheet
336Kb / 7P
-CHANNEL ACTIVE PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
Reflective Photosensor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
Reflective Photosensor
logo
Sanyo Semicon Device
LB1290 SANYO-LB1290 Datasheet
51Kb / 2P
8-Channel Driver Array
LB1291 SANYO-LB1291 Datasheet
56Kb / 2P
8-Channel Driver Array?
logo
IC-Haus GmbH
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB Datasheet
297Kb / 8P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC Datasheet
368Kb / 7P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LSC ICHAUS-IC-LSC_13 Datasheet
517Kb / 8P
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB_17 Datasheet
622Kb / 9P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com