Electronic Components Datasheet Search
  English  ▼

X  

IRFF9110 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFF9110
Description  P-Channel MOSFET in a Hermetically sealed TO39
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFF9110 Datasheet(HTML) 1 Page - Seme LAB

  IRFF9110 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IRFF9110
P-Channel MOSFET.
V
DSS = 100V
I
D = 2.5A
R
DS(ON) = 1.2Ω
Ω
Ω
Ω
All Semelab hermetically sealed products can be
processed in accordance with the requirements
of BS, CECC and JAN, JANTX, JANTXV and
JANS specifications.
Parameter
Min.
Typ.
Max.
Units
V
DSS
Drain – Source Breakdown Voltage
100
V
I
D
Continuous Drain Current
2.5
A
P
D
Power Dissipation
15
W
R
DS(ON)
Static Drain – Source On–State Resistance
1.2
Ω
C
ISS
Input Capacitance
200
pF
Q
g
Total Gate Charge
9.8
nC
t
td(on)
Turn–On Delay Time
30
ns
t
tr
Rise Time
60
ns
t
td(off)
Turn–Off Delay Time
40
ns
t
f
Fall Time
40
ns
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
11-Oct-02
TO39 (TO205AF)
PINOUTS
1 – Source
2 – Gate
3 - Drain
P-Channel MOSFET
in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
4.06 (0.16)
4.57 (0.18)
8.64 (0.34)
9.40 (0.37)
8.01 (0.315)
9.01 (0.355)
0.41 (0.016)
0.53 (0.021)
dia.
0.74 (0.029)
1.14 (0.045)
0.71 (0.028)
0.53 (0.021)
2.54
(0.100)
5.08 (0.200)
typ.
45°
1
2
3


Similar Part No. - IRFF9110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF9110 IRF-IRFF9110 Datasheet
143Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
New Jersey Semi-Conduct...
IRFF9110 NJSEMI-IRFF9110 Datasheet
656Kb / 2P
100V, P-CHANNEL
logo
International Rectifier
IRFF9110 IRF-IRFF9110 Datasheet
136Kb / 7P
Simple Drive Requirements
IRFF9110 IRF-IRFF9110_15 Datasheet
136Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFF9110

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6847 SEME-LAB-2N6847 Datasheet
15Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39 Metal Package
2N6851 SEME-LAB-2N6851 Datasheet
15Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39 Metal Package
IRFF110 SEME-LAB-IRFF110 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF130 SEME-LAB-IRFF130 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF210 SEME-LAB-IRFF210 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF9024 SEME-LAB-IRFF9024 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9130 SEME-LAB-IRFF9130 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9210 SEME-LAB-IRFF9210 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9220 SEME-LAB-IRFF9220 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9230 SEME-LAB-IRFF9230 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com