Electronic Components Datasheet Search
  English  ▼

X  

IC-LSHBCHIP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-LSHBCHIP
Description  INCREMENTAL PHOTOSENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHBCHIP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-LSHBCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-LSHBCHIP Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
prel
imin
ary
prel
imin
ary
iC-LSHB
INCREMENTAL PHOTOSENSOR ARRAY
Rev B1, Page 1/8
FEATURES
o Monolithic array of independent photosensors with excellent
matching
o Compact photosensor size of 800 µm x 330 µm enabling
smaller encoder systems
o Moderate track pitch for reasonable alignment tolerances
o Ultra low dark currents for operation to high temperature
o Low noise amplifiers with high transimpedance of typ. 4 MΩ
o Short-circuit-proof, low impedance voltage outputs for
enhanced EMI tolerance
o Space saving 15-pin optoBGA package (RoHS compatible)
o Low power consumption from single 4.5 V to 5.5 V supply
o Operational temperature range of -40 to 125 °C
o Available options
- reticle assembly, code discs
- customized COB modules
APPLICATIONS
o Incremental rotary encoders
o Linear scales
PACKAGES
15-pin optoBGA
6.2 mm x 5.2 mm
Chip
2.88 mm x 2.04 mm
BLOCK DIAGRAM
REFERENCE
iC-LSHB
DPSIN
+
+
+
-
-
-
+
-
VOLTAGE
DPZ
-
NZ
+
GND
NSIN
PCOS
PSIN
DPSIN
DNSIN
+
-
DNZ
NCOS
DPZ
VCC
PZ
+
-
DNCOS
DNZ
DPCOS
DNSIN
DPCOS
DNCOS
Copyright © 2009 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-LSHBCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHB ICHAUS-IC-LSHB Datasheet
622Kb / 9P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB_17 Datasheet
622Kb / 9P
INCREMENTAL PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSHBCHIP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
Reflective Photosensor
logo
IC-Haus GmbH
IC-LSB ICHAUS-IC-LSB Datasheet
286Kb / 7P
8-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC Datasheet
368Kb / 7P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA_13 Datasheet
1,007Kb / 13P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LSC ICHAUS-IC-LSC_13 Datasheet
517Kb / 8P
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-LSHB ICHAUS-IC-LSHB_17 Datasheet
622Kb / 9P
INCREMENTAL PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com