Electronic Components Datasheet Search
  English  ▼

X  

IC-MACHIP Datasheet(PDF) 17 Page - IC-Haus GmbH

Part # IC-MACHIP
Description  ANGULAR HALL SENSOR / ENCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MACHIP Datasheet(HTML) 17 Page - IC-Haus GmbH

Back Button IC-MACHIP Datasheet HTML 10Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 11Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 12Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 13Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 14Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 15Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 16Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 17Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 18Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
iC-MA
ANGULAR HALL SENSOR / ENCODER
Rev B3, Page 17/18
VDD
iC-MA
GND
CFG1
NCLUP
NCLDN
NCLR
NERR
RESET
OUTPUT
DATA INPUT
P0
P0
Q0
Q0
CPU
CPU
CPD
CPD
NPL
NPL
TCU
TCU
TCD
TCD
MR
MR
P1
P1
Q1
Q1
P2
P2
74HCT193
74HCT193
Q2
Q2
P3
P3
Q3
Q3
CFG2
CFG3
NEN
Figure 17: iC-MA
with
binary
counter
74HC/HCT193
DIR-INC mode
In DIR-INC mode a change in angle for both directions
of rotation generates an output pulse for signal CLK
(pin A). Signal DIR (pin B) gives the direction of ro-
tation. This mode permits the operation of external
binary counter modules (such as 74HC/HCT191, for
example), with signal NCLR (pin C) being used to re-
set the external counter. With a rising edge at CLK the
counter status is counted up or down, depending on
the value of the DIR signal. A low at DIR triggers a
countup; a high causes the setup to count down. Fig-
ure 17 shows a countup sequence followed by a count-
down sequence, both across the zero position.
Time [us]
CLK
DIR
NCLR
Figure 18: DIR-INC mode
iC-Haus expressly reserves the right to change its products and/or specifications. An Infoletter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of
use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued
annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in
Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can
be put to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com