Electronic Components Datasheet Search
  English  ▼

X  

MB4U Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 1 Page - IC-Haus GmbH

  MB4U Datasheet HTML 1Page - IC-Haus GmbH MB4U Datasheet HTML 2Page - IC-Haus GmbH MB4U Datasheet HTML 3Page - IC-Haus GmbH MB4U Datasheet HTML 4Page - IC-Haus GmbH MB4U Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev B1, Page 1/5
FEATURES
o USB 2.0 high speed PC interface
o FPGA based logic
o Hardware implemented interface protocols
o Fast realtime data communication (10 MHz BiSS; 4 MHz SSI)
o API for Windows: BiSS-Interface DLL
o Field capable design: box, field interfaces, USB bus powerable
o USB powered 5 V and 12 V supplies for external applications
o Supported interfaces:
BiSS / SSI controlled by FPGA application
APPLICATIONS
o BiSS / SSI application
development
o BiSS / SSI debugging
o Flexible interface configuration
o Encoder calibration
o Portable applications
SYSTEM VIEW
Copyright © 2010 iC-Haus
http://www.ichaus.com


Similar Part No. - MB4U

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
MB4U ICHAUS-MB4U Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB4U ICHAUS-MB4U Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB4U ICHAUS-MB4U Datasheet
1Mb / 16P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB4U ICHAUS-MB4U_11 Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB4U ICHAUS-MB4U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB 2.0 ADAPTER
More results

Similar Description - MB4U

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL860 GENESYS-GL860 Datasheet
266Kb / 24P
USB 2.0 PC Camera Controller
logo
IC-Haus GmbH
MB3A ICHAUS-MB3A Datasheet
177Kb / 2P
BiSS to PC-LPT ADAPTER
MB3U ICHAUS-MB3U Datasheet
517Kb / 7P
BiSS TO PC-USB ADAPTER
MB4U ICHAUS-MB4U_11 Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
Rosenberger Hochfrequen...
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
IC-Haus GmbH
MB5U ICHAUS-MB5U Datasheet
2Mb / 7P
High Performance isolated BiSS to PC Adapter (USB)
MB4U ICHAUS-MB4U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB3U ICHAUS-MB3U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB ADAPTER
logo
Coolgear Inc.
USB2-8COM-M COOLGEAR-USB2-8COM-M Datasheet
1Mb / 3P
USB USB 2.0 Serial high speed adapter box industrial
Rev 04.220329
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com