Electronic Components Datasheet Search
  English  ▼

X  

AH2984 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH2984
Description  TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH2984 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH2984 Datasheet HTML 1Page - Diodes Incorporated AH2984 Datasheet HTML 2Page - Diodes Incorporated AH2984 Datasheet HTML 3Page - Diodes Incorporated AH2984 Datasheet HTML 4Page - Diodes Incorporated AH2984 Datasheet HTML 5Page - Diodes Incorporated AH2984 Datasheet HTML 6Page - Diodes Incorporated AH2984 Datasheet HTML 7Page - Diodes Incorporated AH2984 Datasheet HTML 8Page - Diodes Incorporated AH2984 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AH2984
TWO PHASE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH2984
Document number: DS31698 Rev. 3 - 2
2 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Typical Application Circuit (Note 1)
(1) For SIP-4L
Vdd
GND
12V
L1
L2
AH2984
12
3
4
D2
C
D1
Vdd DO DOB GND
12V Brushless DC Fan
(2) For SOT89-5L
AH2984
13
2
Vdd (12V)
L1
L2
D2
5
4
GND
C
D1
NC
DOB
Vdd
DO
GND
GND
12V Brushless DC Fan
Notes: 1. D1 (Zener Diode) and Capacitor C are for power stabilization. Recommended value of C is 1uF/ 50V (E-Cap).
Diode D2 is optional and helps to protect the device and fan coils from reverse power conditions. The AH2984 also includes an
internal reverse blocking diode at Vdd pin.
Pin Descriptions
Pin Name
SIP-4L
SOT89-5L
Description
Vdd
1
1
Input Power
DO
2
3
Output Pin
DOB
3
4
Output Pin
GND
4
2
Ground
NC
-
5
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com